Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT11-21L41 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # PT11-21L41
Description  1206 Package Phototransistor With Inner Lens
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT11-21L41 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button PT11-21L41 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT11-21L41 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT11-21L41 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT11-21L41 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT11-21L41 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT11-21L41 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT11-21L41 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PT11-21L41 Datasheet HTML 9Page - Everlight Electronics Co., Ltd PT11-21L41 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.0
Page: 9 of 10
Device No:DTT-011-115
Prepared date:03-17-2003
Prepared by:Jaine Tsai
PT11-21B/L41/TR8
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO. Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
REFLOW
TEMP.:240℃± 5℃
5secs
6Mins
22pcs
0/1
2
Temperature Cycle H : +85℃
30mins
5mins
L : -55℃
30mins
50Cycles
22pcs
0/1
3
Thermal Shock
H :+100℃
5mins
10secs
L :-10℃
5mins
50Cycles
22pcs
0/1
4
High Temperature
Storage
TEMP.:+100℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-55℃
1000hrs
22pcs
0/1
6
DC Operating Life
VCE=5V
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
IC(ON)≦L× 0.8
L:Lower
Specification
Limit
0/1


Similar Part No. - PT11-21L41

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT11-21L41 EVERLIGHT-PT11-21L41 Datasheet
135Kb / 7P
   1206 Package Chip Phototransistor
More results

Similar Description - PT11-21L41

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT11-21C-L41-TR8 EVERLIGHT-PT11-21C-L41-TR8 Datasheet
225Kb / 10P
   1206 Package Phototransistor With Inner Lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-GHC-YT1U2-2T TO-GRACE-11-21-GHC-YT1U2-2T Datasheet
672Kb / 10P
   1206 Package Chip LED with Inner Lens
logo
Everlight Electronics C...
11-21-G6C-FN2P2B-2T EVERLIGHT-11-21-G6C-FN2P2B-2T Datasheet
254Kb / 10P
   1206 Package Chip LED with Inner lens
11-21-R6C-AP1Q2LZ-2T EVERLIGHT-11-21-R6C-AP1Q2LZ-2T Datasheet
235Kb / 10P
   1206 Package Chip LED with Inner lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-R6C-AP1Q2LZ-2T TO-GRACE-11-21-R6C-AP1Q2LZ-2T Datasheet
1Mb / 10P
   1206 Package Chip LED with Inner lens
11-21-Y2C-CP2Q2B-2T TO-GRACE-11-21-Y2C-CP2Q2B-2T Datasheet
595Kb / 10P
   1206 Package Chip LED with Inner lens
logo
Everlight Electronics C...
11-21-BHC-YR1S1-2T EVERLIGHT-11-21-BHC-YR1S1-2T Datasheet
138Kb / 10P
   1206 Package Chip LED with Inner Lens
11-21-G6C-BQ1R2B-2T EVERLIGHT-11-21-G6C-BQ1R2B-2T Datasheet
221Kb / 10P
   1206 Package Chip LED with Inner lens
11-21-Y2C-CP2Q2B-2T EVERLIGHT-11-21-Y2C-CP2Q2B-2T Datasheet
146Kb / 10P
   1206 Package Chip LED with Inner lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-BHC-AP2R1-2T TO-GRACE-11-21-BHC-AP2R1-2T Datasheet
789Kb / 10P
   1206 Package Chip LED with Inner lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com