Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7490L Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7490L
Description  15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490L Datasheet(HTML) 6 Page - STMicroelectronics

  TDA7490L Datasheet HTML 1Page - STMicroelectronics TDA7490L Datasheet HTML 2Page - STMicroelectronics TDA7490L Datasheet HTML 3Page - STMicroelectronics TDA7490L Datasheet HTML 4Page - STMicroelectronics TDA7490L Datasheet HTML 5Page - STMicroelectronics TDA7490L Datasheet HTML 6Page - STMicroelectronics TDA7490L Datasheet HTML 7Page - STMicroelectronics TDA7490L Datasheet HTML 8Page - STMicroelectronics TDA7490L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
02
4
6
8
10
12
14
PO(W)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
THD
(%)
D99AU1086
Stereo
VS ± 17V; Rl=8Ω;
f=1KHz
Figure 4. Distortion vs. Output Power
02
4
6
8
10
12
14
PO(W)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
THD
(%)
D99AU1084
Stereo
VS ± 13V; Rl=4Ω;
f=1KHz
Figure 5. Distortion vs. Output Power
0.001
0.01
0.1
1
f(KHz)
1
1
1
CT
(dB)
-20
-30
-40
-50
-60
-70
-80
-90
-100
VS ± 17V;
Rl=8
Ω;
0dB=1W
D99AU1102
Figure 6. Crosstalk vs. Frequency
0.01
0.1
1
10
f(KHz)
-14
-12
-10
-8
-6
-4
-2
0
2
AMP
(dB)
VS= ±17V;
Rl= 8
Ω;
0dB= 1W
D99AU1103
Figure 7. Frequency Response
02468
10
12
14 PO(W)
0
1
2
3
4
5
6
7
Ptot
(W)
D99AU1087
VS= ±17V;
Rl= 8
Ω;
f= 1KHz
Figure 8. Power Dissipation vs. Output Power
0
5
10
15
20
25
PO(W)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
THD
(%)
D99AU1104
Bridge
VS ± 13V;
Rl=8
Ω;
f=1KHz
Figure 9. Distortion vs. Output Power in BTL
TDA7490L
6/9


Similar Part No. - TDA7490L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
242Kb / 11P
   20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
   20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
More results

Similar Description - TDA7490L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
   15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9703 MAXIM-MAX9703 Datasheet
2Mb / 21P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Rev 7; 3/06
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
   15W Stereo Class D Audio Power Amplifier
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
   15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
   15W Stereo Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com