Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTABG Datasheet(PDF) 3 Page - Linear Technology

Part # LTABG
Description  Hot Swappable 2-Wire Bus Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTABG Datasheet(HTML) 3 Page - Linear Technology

  LTABG Datasheet HTML 1Page - Linear Technology LTABG Datasheet HTML 2Page - Linear Technology LTABG Datasheet HTML 3Page - Linear Technology LTABG Datasheet HTML 4Page - Linear Technology LTABG Datasheet HTML 5Page - Linear Technology LTABG Datasheet HTML 6Page - Linear Technology LTABG Datasheet HTML 7Page - Linear Technology LTABG Datasheet HTML 8Page - Linear Technology LTABG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4300A-1/LTC4300A-2
3
sn4300a12 4300a12fs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired
Note 2: IPULLUPAC varies with temperature and VCC voltage, as shown in
the Typical Performance Characteristics section.
Note 3: The connection circuitry always regulates its output to a higher
voltage than its input. The magnitude of this offset voltage as a function of
the pullup resistor and VCC voltage is shown in the Typical Performance
Characteristics section.
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specfications are at TA = 25°C. VCC = 2.7V to 5.5V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Rise-Time Accelerators
IPULLUPAC Transient Boosted Pull-Up Current
Positive Transition on SDA,SCL, VCC = 2.7V,
1
2
mA
Slew Rate = 1.25V/
µs (Note 2),
LTC4300A-2, ACC = 0.7 • VCC2, VCC2 = 2.7V
VACCDIS
Accelerator Disable Threshold
LTC4300A-2
0.3 • VCC2
0.5 • VCC2
V
VACCEN
Accelerator Enable Threshold
LTC4300A-2
0.5 • VCC2
0.7 • VCC2
V
IVACC
ACC Input Current
LTC4300A-2
±0.1
±1
µA
tPDOFF
ACC Delay, On/Off
LTC4300A-2
5
ns
Input-Output Connection
VOS
Input-Output Offset Voltage
10k to VCC on SDA, SCL, VCC = 3.3V (Note 3),
q
0
100
175
mV
LTC4300A-2, VCC2 = 3.3V, VIN = 0.2V
fSCL, SDA Operating Frequency
Guaranteed by Design, Not Subject to Test
0
400
kHz
CIN
Digital Input Capacitance
Guaranteed by Design, Not Subject to Test
10
pF
VOL
Output Low Voltage, Input = 0V
SDA, SCL Pins, ISINK = 3mA, VCC = 2.7V,
q
0
0.4
V
VCC2 = 2.7V, LTC4300A-2
ILEAK
Input Leakage Current
SDA, SCL Pins = VCC = 5.5V,
±5
µA
LTC4300A-2, VCC2 = 5.5V
Timing Characteristics
fI2C
I2C Operating Frequency
(Note 4)
0
400
kHz
tBUF
Bus Free Time Between Stop
(Note 4)
1.3
µs
and Start Condition
thD,STA
Hold Time After (Repeated)
(Note 4)
0.6
µs
Start Condition
tsu,STA
Repeated Start Condition Setup Time
(Note 4)
0.6
µs
tsu,STO
Stop Condition Setup Time
(Note 4)
0.6
µs
thD, DAT
Data Hold Time
(Note 4)
300
ns
tsu, DAT
Data Setup Time
(Note 4)
100
ns
tLOW
Clock Low Period
(Note 4)
1.3
µs
tHIGH
Clock High Period
(Note 4)
0.6
µs
tf
Clock, Data Fall Time
(Notes 4, 5)
20 + 0.1 • CB
300
ns
tr
Clock, Data Rise Time
(Notes 4, 5)
20 + 0.1 • CB
300
ns
Note 4: Guaranteed by design, not subject to test.
Note 5: CB = total capacitance of one bus line in pF.


Similar Part No. - LTABG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTABH LINER-LTABH Datasheet
273Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTABJ LINER-LTABJ Datasheet
273Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTABK LINER-LTABK Datasheet
273Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTABL LINER-LTABL Datasheet
273Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results

Similar Description - LTABG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com