Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4300A-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4300A-2
Description  Hot Swappable 2-Wire Bus Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4300A-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4300A-2 Datasheet HTML 6Page - Linear Technology LTC4300A-2 Datasheet HTML 7Page - Linear Technology LTC4300A-2 Datasheet HTML 8Page - Linear Technology LTC4300A-2 Datasheet HTML 9Page - Linear Technology LTC4300A-2 Datasheet HTML 10Page - Linear Technology LTC4300A-2 Datasheet HTML 11Page - Linear Technology LTC4300A-2 Datasheet HTML 12Page - Linear Technology LTC4300A-2 Datasheet HTML 13Page - Linear Technology LTC4300A-2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC4300A-1/LTC4300A-2
10
sn4300a12 4300a12fs
Resistor Pull-Up Value Selection
The system pull-up resistors must be strong enough to
provide a positive slew rate of 1.25V/
µs on the SDA and
SCL pins, in order to activate the boost pull-up currents
during rising edges. Choose maximum resistor value R
using the formula:
R
≤ (VCC(MIN) – 0.6) (800,000) / C
where R is the pull-up resistor value in ohms, VCC(MIN) is
the minimum VCC voltage and C is the equivalent bus
capacitance in picofarads (pF).
APPLICATIO S I FOR ATIO
In addition, regardless of the bus capacitance, always
choose R
≤ 16k for VCC = 5.5V maximum, R ≤ 24k for
VCC = 3.6V maximum. The start-up circuitry requires logic
high voltages on SDAOUT and SCLOUT to connect the
backplane to the card, and these pull-up values are needed
to overcome the precharge voltage.
Live Insertion and Capacitance Buffering Application
Figures 3 through 6 illustrate the usage of the LTC4300A
in applications that take advantage of both its hot swap
controlling and capacitance buffering features. In all of
Figure 3. Inserting Multiple I/O Cards into a Live Backplane Using the LTC4300A-1 in a CompactPCI System
R13
10k
R12
10k
R14
10k
I/O PERIPHERAL CARD N
ENABLE
SDAIN
SCLIN
U3
LTC4300A-1
VCC
GND
CARDN_SCL
CARDN_SDA
SDAOUT
SCLOUT
READY
ENABLE
SDAIN
SCLIN
VCC
GND
SDAOUT
SCLOUT
READY
ENABLE
CARD
ENABLE/DISABLE
SDAIN
SCLIN
VCC
GND
SDAOUT
SCLOUT
READY
4300A-1/2 F03
R9
10k
R8
10k
R10
10k
I/O PERIPHERAL CARD 2
U2
LTC4300A-1
CARD2_SCL
CARD2_SDA
R5
10k
R4
10k
R6
10k
I/O PERIPHERAL CARD 1
U1
LTC4300A-1
CARD_SCL
CARD_SDA
R1
10k
VCC
R2
10k
BACKPLANE
BACKPLANE
CONNECTOR
SDA
BD_SEL
SCL
C1
0.01
µF
R3
10k
R7
10k
R11
10k
C3
0.01
µF
C5
0.01
µF
POWER SUPPLY
HOT SWAP
POWER SUPPLY
HOT SWAP
POWER SUPPLY
HOT SWAP
CARD
ENABLE/DISABLE
CARD
ENABLE/DISABLE


Similar Part No. - LTC4300A-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300A-2 LINER-LTC4300A-2 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-2 LINER-LTC4300A-2 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4300A-2 LINER-LTC4300A-2 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4300A-2 LINER-LTC4300A-2 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4300A-2 LINER-LTC4300A-2 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
More results

Similar Description - LTC4300A-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com