Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN513OAS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN513OAS
Description  Numeric Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN513OAS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN513OAS Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
289
Lead wire dimension
Amber
Orange
VF
IF
Max
IR
IO / seg
Amber
Amber
Orange
Orange
Lighting
Color
1 Digit 7.6 mm (.3”) Series
s Absolute Maximum Ratings (T
a = 25°C)
Lighting Color
Conventional Part No.
Global Prat No.
Lighting Color
LN513YAS ················ LNM413AS01 ·········· Amber
LN513YKS ··············· LNM413KS01 ·········· Amber
LN513OAS ················ LNM813AS01 ·········· Orange
LN513OKS ··············· LNM813KS01 ·········· Orange
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Numeric Display
LN513YAS
LN513YKS
LN513OAS
LN513OKS
Unit
Anode
Cathode
Anode
Cathode
µcd
µcd
µcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Common
Typ
Typ
Max
Typ
Typ
IF
VR
λ
P
∆λ
PD(mW)
IF(mA)
IFP(mA)
VR(V)
Topr(°C)
Tstg(°C)
60
60
20
20
100
100
5
3
−25 ∼ +80
−25 ∼ +80
−30 ∼ +85
−30 ∼ +85
Min
Typ
IO /d.p
600
600
1000
1000
200
200
300
300
200
200
400
400
10
10
10
10
2.2
2.2
2.1
2.1
2.8
2.8
2.8
2.8
590
590
630
630
30
30
40
40
20
20
20
20
10
10
10
10
5
5
3
3
Terminal Connection
Pin
No.
Assignment
1
Cathode b
Assignment
Anode b
2
3
4
5
6
7
8
9
10
Cathode a
Anode a
Cathode f
Anode f
Cathode e
Anode e
Cathode d
Anode d
Cathode c
Anode c
Cathode dp
Anode dp
Common Anode
Common Cathode
−−−
11
12
Cathode g
−−−
−−−
−−−
−−−
−−−
Anode g
1
2
3
4
5
6
12
8
7
a
b
c
d
dp
e
f g
3.5 Min.
3.0
10
°
10.0
± 0.2
5.5
± 0.2
*7.6
± 0.38
0.3
5.0
1.6
1.8
2.0
2.4
2.2
100
50
30
5
3
10
1
Forward Current
Ambient Temperature
IF VF
0
0
20
10
5
15
20
25
40
60
80
100
IF Ta
Forward Voltage
3
1
5
10
50
100
30
10000
5000
3000
500
300
1000
100
IO IF
LN513O
AS
LN513OKS
LN513O
AS
LN513OKS
LN513Y
AS
LN513YKS
LN513Y
AS
LN513YKS


Similar Part No. - LN513OAS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN513OA PANASONIC-LN513OA Datasheet
21Kb / 1P
   Numeric Display
More results

Similar Description - LN513OAS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN513RA PANASONIC-LN513RA Datasheet
21Kb / 1P
   Numeric Display
LN513YA PANASONIC-LN513YA Datasheet
21Kb / 1P
   Numeric Display
LN514RA PANASONIC-LN514RA Datasheet
21Kb / 1P
   Numeric Display
LN518RA PANASONIC-LN518RA Datasheet
21Kb / 1P
   Numeric Display
LN523YAMY PANASONIC-LN523YAMY Datasheet
21Kb / 1P
   Numeric Display
LN543OAN8 PANASONIC-LN543OAN8 Datasheet
25Kb / 1P
   Numeric Display
LN5110OGAMW PANASONIC-LN5110OGAMW Datasheet
20Kb / 1P
   Numeric Display
LN514YA PANASONIC-LN514YA Datasheet
21Kb / 1P
   Numeric Display
LN516RA PANASONIC-LN516RA Datasheet
21Kb / 1P
   Numeric Display
LN523RAMR PANASONIC-LN523RAMR Datasheet
22Kb / 1P
   Numeric Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com