Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6779LTT Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6779LTT
Description  Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6779LTT Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6779LTT Datasheet HTML 4Page - Maxim Integrated Products MAX6779LTT Datasheet HTML 5Page - Maxim Integrated Products MAX6779LTT Datasheet HTML 6Page - Maxim Integrated Products MAX6779LTT Datasheet HTML 7Page - Maxim Integrated Products MAX6779LTT Datasheet HTML 8Page - Maxim Integrated Products MAX6779LTT Datasheet HTML 9Page - Maxim Integrated Products MAX6779LTT Datasheet HTML 10Page - Maxim Integrated Products MAX6779LTT Datasheet HTML 11Page - Maxim Integrated Products MAX6779LTT Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Low-Power, 1%-Accurate Battery
Monitors in µDFN and SC70 Packages
8
_______________________________________________________________________________________
Selector Guide
PART
LBO OUTPUT
OUTPUT TYPE
HYSTERESIS
PIN-PACKAGE
MAX6775XK_+T
Single
Push-Pull
Fixed
5 SC70-5
MAX6775LT_+T
Single
Push-Pull
Fixed
6 µDFN-6
MAX6776XK_+T
Single
Open-Drain
Fixed
5 SC70-5
MAX6776LT_+T
Single
Open-Drain
Fixed
6 µDFN-6
MAX6777XK+T
Single
Push-Pull
Adjustable
5 SC70-5
MAX6777LT+T
Single
Push-Pull
Adjustable
6 µDFN-6
MAX6778XK+T
Single
Open-Drain
Adjustable
5 SC70-5
MAX6778LT+T
Single
Open-Drain
Adjustable
6 µDFN-6
MAX6779LT_+T
Dual
Push-Pull
Fixed
6 µDFN-6
MAX6780LT_+T
Dual
Open-Drain
Fixed
6 µDFN-6
MAX6781LT_+T
Dual
Mixed
Fixed
6 µDFN-6
Calculating an External
Hysteresis Resistive Divider
Setting the hysteresis externally requires calculating
three resistor values, as indicated in Figure 3. First cal-
culate RH using:
and RL0 using:
(as in the above example). Where RL0 equals RL +
RHYST, determine the total resistor-divider current,
ITOTAL, at the trip voltage using:
Then, determine RHYST using:
where VHYST is the required hysteresis voltage.
Finally, determine RL using:
RL = RL0 - RHYST
Monitoring a Battery Voltage Higher
Than the Allowable VBATT
For monitoring higher voltages, supply power to BATT
that is within the specified supply range, and power the
input resistive divider from the high voltage to be moni-
tored. Do not exceed the Absolute Maximum Ratings.
Adding External Capacitance to
Reduce Noise and Transients
If monitoring voltages in a noisy environment, add a
bypass capacitor of 0.1µF from BATT to GND as close
as possible to the device. For systems with large tran-
sients, additional capacitance may be required. A small
capacitor (<1nF) from LBI_ to GND may provide addi-
tional noise immunity.
R
V
I
HYST
HYST
TOTAL
=
I
V
RR
TOTAL
BATT
HL
=
+
0
R
Vx R
VV
L
LBIR
H
LBIR
BATT
0
=
R
ex V
I
H
A
BATT
L
=


Similar Part No. - MAX6779LTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6779 MAXIM-MAX6779 Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
More results

Similar Description - MAX6779LTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6775 MAXIM-MAX6775_09 Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Analog Devices
ADG741 AD-ADG741 Datasheet
118Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
REV. 0
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com