Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA2121 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA2121
Description  Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2121 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA2121 Datasheet HTML 1Page - Anpec Electronics Coropration APA2121 Datasheet HTML 2Page - Anpec Electronics Coropration APA2121 Datasheet HTML 3Page - Anpec Electronics Coropration APA2121 Datasheet HTML 4Page - Anpec Electronics Coropration APA2121 Datasheet HTML 5Page - Anpec Electronics Coropration APA2121 Datasheet HTML 6Page - Anpec Electronics Coropration APA2121 Datasheet HTML 7Page - Anpec Electronics Coropration APA2121 Datasheet HTML 8Page - Anpec Electronics Coropration APA2121 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Mar., 2003
APA2120/2121
www.anpec.com.tw
3
Recommended Operating Conditions
Min.
Max.
Unit
Supply Voltage, V
DD
4.5
5.5
V
SHUTDOWN, PCBEN
2
High level threshold voltage, V
IH
SE/BTL , HP/LINE
4
V
SHUTDOWN, PCBEN
1.0
Low level threshold voltage, V
IL
SE/BTL , HP/LINE
3
V
Common mode input voltage, V
ICM
V
DD-1.0
V
VDD=5V, -20°C<TA<85°C (unless otherwise noted)
Electrical Characteristics
Thermal Characteristics
Symbol
Parameter
Value
Unit
R
THJA
Thermal Resistance from Junction to Ambient in Free Air
TSSOP-P*
45
K/W
APA2120/1
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4.5
5.5
V
SE/BTL=0V
14
25
IDD
Supply Current
SE/BTL=5V
8.0
15
mA
ISD
Supply Current in Shutdown
Mode
SE/BTL=5V
SHUTDOWN=0V
50
µA
IIH
High input Current
900
nA
IIL
Low Input Current
900
nA
VOS
Output Differential Voltage
5
mV
* 5 in2 printed circuit board with 2oz trace and copper pad through 9 25mil diameter vias.
The thermal pad on the TSSOP_P package with solder on the printed circuit board.


Similar Part No. - APA2121

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2121 ANPEC-APA2121 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2121RI-TRG ANPEC-APA2121RI-TRG Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
More results

Similar Description - APA2121

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2065 ANPEC-APA2065 Datasheet
451Kb / 25P
   Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com