Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6778LTT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6778LTT
Description  Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6778LTT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6778LTT Datasheet HTML 1Page - Maxim Integrated Products MAX6778LTT Datasheet HTML 2Page - Maxim Integrated Products MAX6778LTT Datasheet HTML 3Page - Maxim Integrated Products MAX6778LTT Datasheet HTML 4Page - Maxim Integrated Products MAX6778LTT Datasheet HTML 5Page - Maxim Integrated Products MAX6778LTT Datasheet HTML 6Page - Maxim Integrated Products MAX6778LTT Datasheet HTML 7Page - Maxim Integrated Products MAX6778LTT Datasheet HTML 8Page - Maxim Integrated Products MAX6778LTT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Power, 1%-Accurate Battery
Monitors in µDFN and SC70 Packages
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 1.6V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Note 1: Devices are tested at TA = +25°C and guaranteed by design for TA =TMIN to TMAX, as specified.
Note 2: Operating range ensures low-battery output is in the correct state. Minimum battery voltage for electrical specification is 1.6V.
Note 3: The rising threshold is guaranteed to be higher than the falling threshold.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOW-BATTERY OUTPUTS (
LBO, LBO1, LBO2)
Propagation Delay
tPD
VLBI_ + 100mV to VLBI_ - 100mV
9
µs
Startup Time
VBATT rising above 1.6V
3
ms
VBATT
≥ 1.2V, ISINK = 100µA
0.3
VBATT
≥ 2.7V, ISINK = 1.2mA
0.3
Output Low (Push-Pull or
Open-Drain)
VOL
VBATT
≥ 4.5V, ISINK = 3.2mA
0.3
V
VBATT
≥ 1.6V, ISOURCE = 100µA
0.8 x
VBATT
VBATT
≥ 2.7V, ISOURCE = 500µA
0.8 x
VBATT
Output High (Push-Pull )
VOH
VBATT
≥ 4.5V, ISOURCE = 800µA
0.8 x
VBATT
V
Output Leakage Current
(Open-Drain)
Output not asserted, VLBO_ = 5.5V
-100
+100
nA
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.5
-40
85
VBATT = 5V
VBATT = 3.6V
VBATT = 3V
VBATT = 2.4V
VBATT = 1.6V
PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
8
9
10
11
12
7
-40
85
VBATT = 5V
100mV OVERDRIVE
VBATT = 1.6V
MAXIMUM TRANSIENT DURATION
vs. THRESHOLD OVERDRIVE
THRESHOLD OVERDRIVE VTH - VCC (mV)
100
10
10
20
30
40
50
60
70
0
1
1000
OUTPUT ASSERTED ABOVE THIS LINE


Similar Part No. - MAX6778LTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6778 MAXIM-MAX6778 Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
More results

Similar Description - MAX6778LTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6775 MAXIM-MAX6775_09 Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Analog Devices
ADG741 AD-ADG741 Datasheet
118Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
REV. 0
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com