Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA2120 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA2120
Description  Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2120 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA2120 Datasheet HTML 1Page - Anpec Electronics Coropration APA2120 Datasheet HTML 2Page - Anpec Electronics Coropration APA2120 Datasheet HTML 3Page - Anpec Electronics Coropration APA2120 Datasheet HTML 4Page - Anpec Electronics Coropration APA2120 Datasheet HTML 5Page - Anpec Electronics Coropration APA2120 Datasheet HTML 6Page - Anpec Electronics Coropration APA2120 Datasheet HTML 7Page - Anpec Electronics Coropration APA2120 Datasheet HTML 8Page - Anpec Electronics Coropration APA2120 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Mar., 2003
APA2120/2121
www.anpec.com.tw
5
Pin Description
1
10
11
12
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
LO U T-
LH P IN
RBYPASS
GND
PCBEN
VO LU M E
LO U T+
LLIN E IN
LBYPASS
PVDD
GND
BYPASS
GND
RLIN EIN
SHUTDO W N
ROUT +
RHPIN
SE/BTL
PVDD
GND
PC-BEEP
VDD
CLK
ROUT -
A P A 2120
TO P View
1
10
11
12
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
LO U T-
LH PIN
RBYPASS
GND
HP/LIN E
VO LUM E
LO U T+
LLIN E IN
LBYPASS
PVDD
GND
BYPASS
GND
RLINEIN
SHUTDOW N
ROUT+
RHPIN
SE/BTL
PVDD
GND
PC-BEEP
VDD
CLK
ROUT-
A P A 2121
TO P View
APA2120/1
Bottom View
Thermal
Pad
Multiple Input Selection PCBEEP Control Input
APA2120
SE/BTL
PCBEN
APA2121
HP/LINE
-


Similar Part No. - APA2120

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2120 ANPEC-APA2120 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120RI-TRG ANPEC-APA2120RI-TRG Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
More results

Similar Description - APA2120

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2065 ANPEC-APA2065 Datasheet
451Kb / 25P
   Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com