Electronic Components Datasheet Search |
|
MAX6775LTCT Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX6775LTCT Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 12 page Detailed Description These battery monitors have an active-low output that asserts when the input falls below a set voltage. They also offer hysteresis for noise immunity, and to remove the possibility of output chatter due to battery terminal voltage recovery after load removal. They are available with one or two monitors per package, with push-pull or open-drain outputs, and with internally set or externally adjustable hysteresis (dual-channel devices offer only internally fixed hysteresis). Figures 1, 2, and 3 show block diagrams and typical connections. See the Selector Guide for details. Low-Battery Output All devices are offered with either push-pull or open- drain outputs (see the Selector Guide). The MAX6781 has one push-pull output and one open-drain output, configured as in Table 1. On all devices with open-drain outputs an external pullup resistor is required. The open-drain pullup resis- tor can connect to an external voltage up to +6V, regardless of the voltage at BATT. Low-Power, 1%-Accurate Battery Monitors in µDFN and SC70 Packages 6 _______________________________________________________________________________________ Table 1. MAX6781 Outputs DEVICE LBO1 LBO2 MAX6781 Push-Pull Open-Drain LBI1 LBO1 0 1 BATT GND VREF VBATT LBI2 LBO2 0 1 MAX6779 MAX6780 MAX6781 HYSTERESIS CONTROL Figure 2. Dual-Channel Fixed-Hysteresis Block Diagram LBI LBO 0 1 BATT GND RL VREF VBATT RH MAX6775 MAX6776 HYSTERESIS CONTROL Figure 1. Single-Channel Fixed-Hysteresis Block Diagram LBL LBO 0 1 LBH BATT GND RHYST VREF VBATT RH RL MAX6777 MAX6778 Figure 3. Single-Channel Adjustable-Hysteresis Block Diagram |
Similar Part No. - MAX6775LTCT |
|
Similar Description - MAX6775LTCT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |