Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1085S2-2.5E1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085S2-2.5E1
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085S2-2.5E1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1085S2-2.5E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.5E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.5E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.5E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.5E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.5E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.5E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.5E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.5E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085
Data Sheet
6
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
VREF
AZ1085-ADJ,
IOUT=10mA,VIN -VOUT = 3V, TJ = 25
oC,
10mA
≤ I
OUT ≤ 3A, 1.5V ≤ VIN - VOUT
5V
1.238
1.225
1.250
1.250
1.262
1.275
V
Output Voltage
VOUT
AZ1085-1.5,
IOUT =0mA, VIN = 4.5V, TJ = 25
oC,
10mA
≤ I
OUT ≤ 3A, 3.1V ≤ VIN ≤ 6V
1.485
1.47
1.5
1.5
1.515
1.53
V
AZ1085-1.8,
IOUT = 0mA, VIN = 4.8V, TJ = 25
oC,
10mA
≤ I
OUT ≤ 3A, 3.4V ≤ VIN ≤ 7V
1.782
1.764
1.8
1.8
1.818
1.836
V
AZ1085-2.5,
IOUT = 0mA, VIN = 5.5V, TJ = 25
oC,
10mA
≤ I
OUT ≤ 3A, 4.1V ≤ VIN ≤ 7V
2.475
2.45
2.5
2.5
2.525
2.55
V
AZ1085-2.85,
IOUT = 0mA, VIN = 6V, TJ = 25
oC,
10mA
≤ I
OUT ≤ 3A, 4.5V ≤ VIN ≤ 8V
2.821
2.793
2.85
2.85
2.879
2.907
V
AZ1085-3.3,
IOUT = 0mA, VIN = 6.3V, TJ = 25
oC,
10mA
≤ I
OUT ≤ 3A, 4.9V ≤ VIN ≤ 8V
3.267
3.234
3.3
3.3
3.333
3.366
V
AZ1085-5.0,
IOUT = 0mA, VIN = 8V, TJ = 25
oC,
10mA
≤ I
OUT ≤ 3A, 6.6V ≤ VIN ≤ 10V
4.95
4.9
5
5
5.05
5.1
V
Line Regulation
∆V
OUT
AZ1085-ADJ,
IOUT = 10mA,
2.85V
≤ V
IN ≤ 10V
0.015
0.035
0.2
0.2
%
AZ1085-1.5,
IOUT = 10mA,
3.1V
≤ V
IN ≤ 10V
0.5
1
6
6
mV
AZ1085-1.8,
IOUT = 10mA,
3.4V
≤ V
IN ≤ 10V
0.5
1
6
6
mV
AZ1085-2.5,
IOUT = 10mA,
4.1V
≤ V
IN ≤ 10V
0.5
1
6
6
mV
AZ1085-2.85,
IOUT = 10mA,
4.5V
≤ V
IN ≤ 10V
0.5
1
6
6
mV
AZ1085-3.3,
IOUT = 10mA,
4.9V
≤ V
IN ≤ 10V
0.5
1
6
6
mV
Typicals and limits appearing in normal type apply for TJ = 25
oC. Limits appearing in Boldface type apply over
the entire operating junction temperature range 0 to 125oC.


Similar Part No. - AZ1085S2-2.5E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085S2-2.5E1 BCDSEMI-AZ1085S2-2.5E1 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1085S2-2.5E1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com