Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6776XKT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6776XKT
Description  Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6776XKT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6776XKT Datasheet HTML 1Page - Maxim Integrated Products MAX6776XKT Datasheet HTML 2Page - Maxim Integrated Products MAX6776XKT Datasheet HTML 3Page - Maxim Integrated Products MAX6776XKT Datasheet HTML 4Page - Maxim Integrated Products MAX6776XKT Datasheet HTML 5Page - Maxim Integrated Products MAX6776XKT Datasheet HTML 6Page - Maxim Integrated Products MAX6776XKT Datasheet HTML 7Page - Maxim Integrated Products MAX6776XKT Datasheet HTML 8Page - Maxim Integrated Products MAX6776XKT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX6775–MAX6781 low-power, 1%-accurate bat-
tery monitors are available in the ultra-small µDFN
package (1.0mm x 1.5mm) and SC70 packages. These
low-power devices are ideal for monitoring single lithi-
um-ion (Li+) cells, or multicell alkaline/NiCd/NiMH
power sources. These devices offer single (MAX6775/
MAX6776/MAX6777/MAX6778) or dual (MAX6779/
MAX6780/MAX6781) low-battery outputs and feature
fixed or resistor-adjustable hysteresis. Hysteresis elimi-
nates the output chatter sometimes associated with bat-
tery voltage monitors, usually due to input-voltage noise
or battery terminal voltage recovery after load removal.
These devices are available in several versions: with
single- or dual-voltage monitors, and with fixed or
adjustable hysteresis. The MAX6775/MAX6776 offer a
single battery monitor and factory-set hysteresis of
0.5%, 5%, or 10%. The MAX6779/MAX6780/MAX6781
have two battery monitors in a single package and fac-
tory-set hysteresis of 0.5%, 5%, or 10%. The MAX6777/
MAX6778 offer a single battery monitor with external
inputs for the rising and falling thresholds, allowing
external hysteresis control.
For convenient interface with system power circuitry or
microprocessors, both open-drain and push-pull out-
puts are available. The single-channel devices are
available with open-drain or push-pull outputs. The
dual-channel devices are available with both outputs
open-drain, both outputs push-pull, or one of each
(see the Selector Guide). This family of devices is
offered in small 5-pin SC70 and ultra-small 6-pin µDFN
packages, and is fully specified over the -40°C to
+85°C extended temperature range.
Applications
Battery-Powered Systems (Single-Cell Li+ or
Multicell NiMH, NiCd, Alkaline)
Cell Phones/Cordless Phones
Pagers
Portable Medical Devices
PDAs
Electronic Toys
MP3 Players
Features
♦ 1.0%-Accurate Threshold Specified Over
Temperature
♦ Single/Dual, Low-Battery Output Options
♦ Low 3µA Battery Current
♦ Open-Drain or Push-Pull Low-Battery Outputs
♦ Fixed or Adjustable Hysteresis
♦ Low-Input Leakage Current Allows Use of Large
Resistors
♦ Guaranteed Valid Low-Battery-Output Logic State
Down to VBATT = 1V
♦ Immune to Short Battery Transients
♦ Fully Specified from -40°C to +85°C
♦ Small 5-Pin SC70 or Ultra-Small 6-Pin µDFN
(1mm x 1.5mm) Package
Low-Power, 1%-Accurate Battery
Monitors in µDFN and SC70 Packages
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
LBI
3.6V
LBO
BATT
MAX6775
SHDN
OUT
DC-DC
CONVERTER
IN
Typical Operating Circuit
19-3774; Rev 2; 1/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued at end of data sheet.
+Denotes lead-free package.
*Future product—contact factory for availability.
MAX6775/MAX6776/MAX6779/MAX6780/MAX6781 are available
with factory-trimmed hysteresis. Specify trim by replacing “_”
with “A” for 0.5%, “B” for 5%, or “C” for 10% hysteresis.
Pin Configurations appear at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX6775XK_+T
-40°C to +85°C
5 SC70-5
MAX6775LT_+T*
-40°C to +85°C
6 µDFN-6
MAX6776XK_+T
-40°C to +85°C
5 SC70-5
MAX6776LT_+T
-40°C to +85°C
6 µDFN-6
MAX6777XK+T
-40°C to +85°C
5 SC70-5
MAX6777LT+T
-40°C to +85°C
6 µDFN-6


Similar Part No. - MAX6776XKT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6776XK_+T MAXIM-MAX6776XK_+T Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
More results

Similar Description - MAX6776XKT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6775 MAXIM-MAX6775_09 Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Analog Devices
ADG741 AD-ADG741 Datasheet
118Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
REV. 0
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com