Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C64B-15T Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61C64B-15T
Description  8K x 8 HIGH-SPEED CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C64B-15T Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

  IS61C64B-15T Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C64B-15T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C64B-15T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C64B-15T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C64B-15T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C64B-15T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C64B-15T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C64B-15T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C64B-15T Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
IS61C64B
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
07/01/02
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
–10ns
-12ns
-15ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
10
12
15
ns
tSCE
CE to Write End
9
10
12
ns
tAW
Address Setup Time to Write End
9
10
12
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Setup Time
0
0
0
ns
tPWE(4)
WE Pulse Width
8
8
10
ns
tSD
Data Setup to Write End
8
8
9
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE(2) WE LOW to High-Z Output
6
6
7
ns
tLZWE(2) WE HIGH to Low-Z Output
0
0
0
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and
output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE LOW and WE LOW. All signals must be in valid states to initiate a Write,
but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling
edge of the signal that terminates the write.


Similar Part No. - IS61C64B-15T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-10K ISSI-IS61C6416-10K Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-10T ISSI-IS61C6416-10T Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-12K ISSI-IS61C6416-12K Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-12KI ISSI-IS61C6416-12KI Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C64B-15T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com