Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C64B-15J Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61C64B-15J
Description  8K x 8 HIGH-SPEED CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C64B-15J Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61C64B-15J Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C64B-15J Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C64B-15J Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C64B-15J Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C64B-15J Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C64B-15J Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C64B-15J Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C64B-15J Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C64B-15J Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IS61C64B
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
07/01/02
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-10ns
-12ns
-15ns
Symbol
Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
185
175
135
mA
Supply Current
IOUT = 0 mA, f = fMAX
ISB1
TTL Standby Current
VCC = Max.,
30
30
30
mA
(TTL Inputs)
VIN = VIH or VIL
CE1 • VIH or
CE2 - VIL, f = 0
ISB2
CMOS Standby
VCC = Max.,
10
10
10
mA
Current (CMOS Inputs)
CE1 • VCC – 0.2V,
CE2 - 0.2V,
VIN • VCC – 0.2V, or
VIN - 0.2V, f = 0
Notes:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
8
pF
COUT
Output Capacitance
VOUT = 0V
10
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 5.0V.


Similar Part No. - IS61C64B-15J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-10K ISSI-IS61C6416-10K Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-10T ISSI-IS61C6416-10T Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-12K ISSI-IS61C6416-12K Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-12KI ISSI-IS61C6416-12KI Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C64B-15J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com