Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2021 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2021 Datasheet HTML 1Page - Maxim Integrated Products MAX2021 Datasheet HTML 2Page - Maxim Integrated Products MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High-Dynamic-Range, Direct Up-/Downconversion
750MHz to 1200MHz Quadrature Mod/Demod
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC_ to GND ........................................................-0.3V to +5.5V
BBI+, BBI-, BBQ+, BBQ- to GND...............-3.5V to (VCC + 0.3V)
LO, RF to GND Maximum Current ......................................30mA
RF Input Power ...............................................................+30dBm
Baseband Differential I/Q Input Power (Note A) ............+20dBm
LO Input Power...............................................................+10dBm
RBIASLO1 Maximum Current .............................................10mA
RBIASLO2 Maximum Current .............................................10mA
RBIASLO3 Maximum Current .............................................10mA
θJA (without air flow) ..........................................…………34°C/W
θJA (2.5m/s air flow) .........................................................28°C/W
θJC (junction to exposed paddle) ...................................8.5°C/W
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering 10s, non-lead free)...........+245°C
Lead Temperature (soldering 10s, lead free) ..................+260°C
DC ELECTRICAL CHARACTERISTICS
(MAX2021 Typical Application Circuit, VCC = +4.75V to +5.25V, GND = 0V, I/Q inputs terminated into 100
Ω differential, LO input terminat-
ed into 50
Ω, RF output terminated into 50Ω, 0V common-mode input, R1 = 432Ω, R2 = 619Ω, R3 = 332Ω, TC = -40°C to +85°C, unless
otherwise noted. Typical values are at VCC = +5V, VBBI = VBBQ = 1.4VP-P, fIQ = 1MHz, TC = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5.00
5.25
V
Total Supply Current
ITOTAL
Pins 3, 13, 15, 31, 33 all connected to VCC
230
271
315
mA
Total Power Dissipation
1355
1654
mW
Note A: Maximum reliable continuous power applied to the baseband differential port is +20dBm from an external 100
Ω source.
AC ELECTRICAL CHARACTERISTICS (Modulator)
(MAX2021 Typical Application Circuit, VCC = +4.75V to +5.25V, GND = 0V, I/Q differential inputs driven from a 100
Ω DC-coupled
source, 0V common-mode input, PLO = 0dBm, 750MHz
≤ fLO ≤ 1200MHz, 50Ω LO and RF system impedance, R1 = 432Ω, R2 = 619Ω,
R3 = 332
Ω, TC = -40°C to +85°C. Typical values are at VCC = +5V, VBBI = 1.4VP-P differential, VBBQ = 1.4VP-P differential, fIQ = 1MHz,
fLO = 900MHz, TC = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BASEBAND INPUT
Baseband Input Differential Impedance
fIQ = 1MHz
53
BB Common-Mode Input Voltage
Range
-3.5
0
+3.5
V
LO INPUT
LO Input Frequency Range
750
1200
MHz
LO Input Drive
-6
+3
dBm
LO Input Return Loss
RF and IF terminated (Note 3)
12
dB
I/Q MIXER OUTPUTS
fLO = 900MHz
21.1
Output IP3
OIP3
fBB1 = 1.8MHz,
fBB2 = 1.9MHz
fLO = 1000MHz
22.3
dBm
Output IP2
OIP2
fBB1 = 1.8MHz,
fBB2 = 1.9MHz
57.9
dBm
Output P1dB
fBB = 25MHz,
PLO = 0dBm
16.7
dBm
Output Power
POUT
0.7
dBm
Output Power Variation Over
Temperature
TC = -40°C to +85°C
-0.016
dB/°C
Output-Power Flatness
Sweep fBB, PRF flatness for fBB from 1MHz
to 50MHz
0.15
dB


Similar Part No. - MAX2021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021 MAXIM-MAX2021 Datasheet
809Kb / 15P
   700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 6/06
MAX2021 MAXIM-MAX2021 Datasheet
789Kb / 14P
   1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX2021 MAXIM-MAX2021 Datasheet
248Kb / 8P
   Evaluation Kit
Rev 0; 10/06
MAX2021 MAXIM-MAX2021 Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
MAX2021ETX++ MAXIM-MAX2021ETX+ Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
More results

Similar Description - MAX2021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021 MAXIM-MAX2021_13 Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2023_V1 MAXIM-MAX2023_V1 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2022 MAXIM-MAX2022_12 Datasheet
2Mb / 20P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Rev 1; 9/12
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2022 MAXIM-MAX2022 Datasheet
293Kb / 14P
   High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Rev 0; 4/05
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
[Old version datasheet]   Direct Downconversion Receiver
logo
Maxim Integrated Produc...
MAX2700 MAXIM-MAX2700 Datasheet
328Kb / 28P
   1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com