Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ431AR-ATRE1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ431AR-ATRE1
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431AR-ATRE1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ431AR-ATRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ431AR-ATRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A
Ordering Information Example
Package
Temperature
Range
Voltage Tol-
erance
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-23-5
-40 to 125oC
0.4%
AZ431AK-ATR
AZ431AK-ATRE1
K3A
E3A
Tape & Reel
0.8%
AZ431BK-ATR
AZ431BK-ATRE1
K3B
E3B
Tape & Reel
TO-92
-40 to 125oC
0.4%
AZ431AZ-A
AZ431AZ-AE1
AZ431AZ-A
AZ431AZ-AE1
Bulk
0.4%
AZ431AZ-ATR
AZ431AZ-ATRE1
AZ431AZ-A
AZ431AZ-AE1
Ammo
0.8%
AZ431BZ-A
AZ431BZ-AE1
AZ431BZ-A
AZ431BZ-AE1
Bulk
0.8%
AZ431BZ-ATR
AZ431BZ-ATRE1
AZ431BZ-A
AZ431BZ-AE1
Ammo
Detailed information please refer to the relevant datasheet.
Sales Office:
USA
3170 De La Cruz Blvd, Suite # 105 Santa Clara, CA 95054-2411,
U.S.A
Tel : +1-408-988 6388
Fax : +1-408-988 6386
Taiwan
4F, 298-1 Rui Guang Road, Nei-Hu District, Taipei,
Taiwan
Tel : 886-2-2656-2808
Fax : 886-2-2656-2806
Shanghai
8F, B Zone, 900 Yi Shan Road, Shanghai 200233,
China
Tel : 86-21-6495 9539
Fax : 86-21-6485 9673
Shenzhen
Room 27B, Tower C, No. 2070, Shennanzhong Road, Shenzhen
518031, China
Tel : 86-755-8368 3987
Fax : 86-755-8368 3166
Nov. 2004
BCD Semiconductor Manufacturing Limited
Pin Configuration
Circuit Type
Bandgap Tolerance
B: 0.8%
A: 0.4%
E1:
Lead-Free
Blank: Tin Lead
A Z 431
-
A: AZ431(40V)
B: AZ431(20V)
Package
M: SOIC-8
Z: TO-92
N: SOT-23-3 K:SOT-23-5
R: SOT-89
TR:
Tape/Reel or Ammo
Blank: Tube or Bulk
SOIC-8
REF
ANODE
NC
CATHODE
NC
1
2
3
4
5
6
7
8
ANODE
ANODE
ANODE
TO-92
SOT-23-5
NC
CATHODE
ANODE
REF
3
2
1
4
5
NC
4
CATHODE
ANODE
REF
1
2
3


Similar Part No. - AZ431AR-ATRE1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ431AR-ATRE1 DIODES-AZ431AR-ATRE1 Datasheet
448Kb / 21P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431AR-ATRE1 DIODES-AZ431AR-ATRE1 Datasheet
565Kb / 19P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Shanghai Leiditech Elec...
AZ431AR-ATRE1 LEIDITECH-AZ431AR-ATRE1 Datasheet
1Mb / 19P
   Programmable Precise Output Voltage from 2.5V to 36V or 18V
More results

Similar Description - AZ431AR-ATRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com