Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ78L12RTR-E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ78L12RTR-E1
Description  3-TERMINAL POSITIVE LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ78L12RTR-E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ78L12RTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ78L12RTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ78L12RTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ78L12RTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ78L12RTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ78L12RTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ78L12RTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ78L12RTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ78L12RTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
3-TERMINAL POSITIVE LINEAR REGULATOR
AZ78LXX
Data Sheet
1
Apr. 2005 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
General Description
The AZ78LXX series are three terminal positive regu-
lators with several fixed output voltages. These regula-
tors can provide local on card regulation, eliminating
the distribution problems associated with single point
regulation. The AZ78LXX can be used in logic sys-
tems, instrumentation, HiFi, and other solid state elec-
tronic equipment. When used as a Zener diode/resistor
combination replacement, the AZ78LXX usually
results an effective output impedance improvement of
two orders of magnitude, and lower quiescent current.
With adequate heat sinking the AZ78LXX can deliver
100 mA output current. Current limiting is included to
limit the peak output current to a safe value. Thermal
protection
is
also
provided.
If
internal
power
dissipation becomes too high for the heat sinking
provided, the thermal shutdown circuit takes over
preventing the IC from overheating.
The AZ78LXX are available in the plastic TO-92,
SOIC-8, SOT-223 and SOT-89 packages.
Features
·
Output Current up to 100 mA
·
Fixed Output Voltage of 5V, 8V, 9V and 12V
·
Output Voltage Tolerances of ± 5% over the Full
Temperature Range
·
Internal Short Circuit Current-Limiting
·
Internal Thermal Overload Protection
·
No External Components
Applications
·
High Efficiency Linear Regulator
·
Post Regulation for Switching Supply
·
Microprocessor Power Supply
·
Mother Board I/O Power Supply
SOIC-8
Figure 1. Package Types of the AZ78LXX
TO-92
SOT-223
SOT-89


Similar Part No. - AZ78L12RTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78L12RTR-E1 BCDSEMI-AZ78L12RTR-E1 Datasheet
271Kb / 18P
   3-TERMINAL POSITIVE LINEAR REGULATOR
More results

Similar Description - AZ78L12RTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78LXX BCDSEMI-AZ78LXX_07 Datasheet
271Kb / 18P
   3-TERMINAL POSITIVE LINEAR REGULATOR
logo
AiT Semiconductor Inc.
A7812 AITSEMI-A7812 Datasheet
659Kb / 8P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV1.1
A7805 AITSEMI-A7805 Datasheet
623Kb / 6P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
A7805A AITSEMI-A7805A Datasheet
366Kb / 7P
   LINEAR REGULATOR 3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
REV1.0
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com