Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ431AN-AE1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ431AN-AE1
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431AN-AE1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ431AN-AE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ431AN-AE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The AZ431-A series ICs are three-terminal adjustable
shunt regulators with guaranteed thermal stability over a
full operation range. These ICs feature sharp turn-on char-
acteristics, low temperature coefficient and low output
impedance, which make them ideal substitutes for Zener
diodes in applications such as switching power supply,
charger and other adjustable regulators.
The AZ431-A series ICs are of 40V voltage type. Its out-
put voltage can be set to any value between VREF(2.5V)
and 36V.
The AZ431-A precision reference is offered in two band-
gap tolerance: 0.4% and 0.8%.
Features
· Programmable Precise Output Voltage from 2.5V to
36V
· Very Accurate Reference Voltage: 0.15% Typical
· High Stability under Capacitive Load
· Low Temperature Deviation: 4.5mV Typical
· Low Equivalent Full-range Temperature Coefficient
with 20PPM/oC Typical
· Low Dynamic Output Resistance: 0.2Ω Typical
· Sink Current Capacity from 1mA to 100 mA
· Low Output Noise
· Wide Operating Range of -40 to 125oC
Applications
· Charger
· Voltage Adapter
· Switching Power Supply
· Graphic Card
· Precision Voltage Reference
Benefits
· Easier to Stabilize
· Ultra Low Temperature Coefficient
· Higher VREF Accuracy
· Wider Operating Temperature Range
· Very Competitive Price
Parametric Table
AZ431A-A
AZ431B-A
IKA (Max) (mA)
100
100
IKA (Min) (mA)
0.4
0.4
VOUT / VREF Initial
Tol. (%)
0.4
0.8
VOUT (Max) (V)
36
36
VOUT (Min) (V)
2.5
2.5
ZKA (Typ) (Ω)
0.15
0.15
Temp Coeff. (Typ)
(PPM/oC)
20
20
Operating Temperature
(Min) (oC)
-40
-40
Operating Temperature
(Max) (oC)
+125
+125
Additional Available Materials
· Samples
· Datasheet
· Reliability Report
· ESD Report
Nov. 2004
BCD Semiconductor Manufacturing Limited
Product Brief
ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A
Pin Configuration
SOT-23-3
SOT-89
ANODE
REF
CATHODE
REF
ANODE CATHODE
1
2
3
1
2
3


Similar Part No. - AZ431AN-AE1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ431AN-AE1 DIODES-AZ431AN-AE1 Datasheet
448Kb / 21P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - AZ431AN-AE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com