Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AZ1117T-3.3 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part No. AZ1117T-3.3
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

 
 4 page
background image
CURRENT MODE PWM CONTROLLER
AZ2842/3/4/5
Data Sheet
1A LOW DROPOUT LINEAR REGULATOR
AZ1117
Data Sheet
4
Oct. 2005 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Circuit Type
Package
R: SOT-89-3
D: TO-252-2
H: SOT-223
T: TO-220-3
ADJ: Adjustable Output
1.5: Fixed Output 1.5V
S: TO-263-3
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V
3.3: Fixed Output 3.3V
5.0: Fixed Output 5.0V
E1: Lead Free
Blank: Tin Lead
AZ1117
-
TR: Tape and Reel
Blank: Tube
Package
Tempera-
ture Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-223
-40 to 125oC
AZ1117H-ADJTR
AZ1117H-ADJTRE1
H11A
EH11A
Tape & Reel
AZ1117H-1.2TR
AZ1117H-1.2TRE1
H18A
EH18A
Tape & Reel
AZ1117H-1.5TR
AZ1117H-1.5TRE1
H12A
EH12A
Tape & Reel
AZ1117H-1.8TR
AZ1117H-1.8TRE1
H13A
EH13A
Tape & Reel
AZ1117H-2.5TR
AZ1117H-2.5TRE1
H14A
EH14A
Tape & Reel
AZ1117H-2.85TR
AZ1117H-2.85TRE1
H15A
EH15A
Tape & Reel
AZ1117H-3.3TR
AZ1117H-3.3TRE1
H16A
EH16A
Tape & Reel
AZ1117H-5.0TR
AZ1117H-5.0TRE1
H17A
EH17A
Tape & Reel
SOT-89-3
-40 to 125oC
AZ1117R-ADJTR
AZ1117R-ADJTRE1
R17A
E17A
Tape & Reel
AZ1117R-1.2TR
AZ1117R-1.2TRE1
R17G
E17G
Tape & Reel
AZ1117R-1.5TR
AZ1117R-1.5TRE1
R17B
E17B
Tape & Reel
AZ1117R-1.8TR
AZ1117R-1.8TRE1
R17C
E17C
Tape & Reel
AZ1117R-2.5TR
AZ1117R-2.5TRE1
R17D
E17D
Tape & Reel
AZ1117R-2.85TR
AZ1117R-2.85TRE1
R17H
E17H
Tape & Reel
AZ1117R-3.3TR
AZ1117R-3.3TRE1
R17E
E17E
Tape & Reel
AZ1117R-5.0TR
AZ1117R-5.0TRE1
R17F
E17F
Tape & Reel
TO-220-3
-40 to 125oC
AZ1117T-ADJ
AZ1117T-ADJE1
AZ1117T-ADJ
AZ1117T-ADJE1
Tube
AZ1117T-1.2
AZ1117T-1.2E1
AZ1117T-1.2
AZ1117T-1.2E1
Tube
AZ1117T-1.5
AZ1117T-1.5E1
AZ1117T-1.5
AZ1117T-1.5E1
Tube
AZ1117T-1.8
AZ1117T-1.8E1
AZ1117T-1.8
AZ1117T-1.8E1
Tube
AZ1117T-2.5
AZ1117T-2.5E1
AZ1117T-2.5
AZ1117T-2.5E1
Tube
AZ1117T-2.85
AZ1117T-2.85E1
AZ1117T-2.85
AZ1117T-2.85E1
Tube
AZ1117T-3.3
AZ1117T-3.3E1
AZ1117T-3.3
AZ1117T-3.3E1
Tube
AZ1117T-5.0
AZ1117T-5.0E1
AZ1117T-5.0
AZ1117T-5.0E1
Tube
1.2: Fixed Output 1.2V
2.85: Fixed Output 2.85V
Ordering Information




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADP3300High Accuracy anyCAP 50 mA Low Dropout Linear Regulator 1 2 3 4 5 MoreAnalog Devices
FAN10861.5A Adjustable/Fixed Low Dropout Linear Regulator 1 2 3 4 5 MoreFairchild Semiconductor
FAN1538Dual Channel 1A Low Dropout Linear Regulator with UVLO and Soft-start 1 2 3 4 5 MoreFairchild Semiconductor
AIC1737LOW OUTPUT VOLTAGE 300mA LOW DROPOUT LINEAR REGULATOR 1 2 3 4 5 Analog Intergrations Corporation
LT3150Fast Transient Response Low Input Voltage Very Low Dropout Linear Regulator Controller 1 2 3 4 5 MoreLinear Technology
AIC1729400mA Low Dropout Linear Regulator with Voltage Detector Function 1 2 3 4 5 MoreList of Unclassifed Manufacturers
L1085-3.33A Fixed Low Dropout Linear Regulator LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OMR9604SC1 M Rad Si Ultra Low Dropout Positive Adjustable Linear Regulator Hermetic Package 1 2 3 4 5 International Rectifier
L1117XG1A Fixed and Adjustable Low Dropout Linear Regulator LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LP3876-ADJ3A Fast Ultra Low Dropout Linear Regulator 1 2 3 4 5 MoreNational Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl