Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2940D-5.0E1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AZ2940D-5.0E1
Description  1A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ2940D-5.0E1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ2940D-5.0E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ2940D-5.0E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ2940D-5.0E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ2940D-5.0E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ2940D-5.0E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ2940D-5.0E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ2940D-5.0E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ2940D-5.0E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ2940D-5.0E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
9
Sep. 2005 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940
0
250
500
750
1000
1250
1500
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
Output Current (mA)
V
IN
=6V
AZ2940-5.0V
Typical Performance Characteristics
Figure 4. Line Regulation
Figure 5. Load Regulation
Figure 6. Ground Current vs. Output Current
Figure 7. Ground Current vs. Input Voltage
6
7
8
9
10
11
12
13
14
15
16
5.000
5.002
5.004
5.006
5.008
5.010
5.012
5.014
5.016
5.018
5.020
Supply Voltage (V)
V
IN
=6V
I
OUT
=10mA
AZ2940-5.0V
0
250
500
750
1000
1250
1500
5.0000
5.0025
5.0050
5.0075
5.0100
5.0125
5.0150
5.0175
5.0200
5.0225
5.0250
Output Current (mA)
V
IN
=6V
AZ2940-5.0V
02
46
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
Input Voltage (V)
I
OUT
=100mA
I
OUT
=1A


Similar Part No. - AZ2940D-5.0E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940D-5.0E1 BCDSEMI-AZ2940D-5.0E1 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940D-5.0E1 BCDSEMI-AZ2940D-5.0E1 Datasheet
907Kb / 22P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ2940D-5.0E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com