Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7805DTR-E1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7805DTR-E1
Description  3-TERMINAL POSITIVE LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7805DTR-E1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ7805DTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7805DTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7805DTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7805DTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7805DTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ7805DTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ7805DTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ7805DTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ7805DTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
3-TERMINAL POSITIVE LINEAR REGULATORS
AZ78XX
Preliminary Datasheet
9
Jul. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 5. Output Voltage vs. Junction Temperature
Figure 6. Quiescent Current vs. Junction Temperature
Figure 4. Peak Output Current vs. Input / Output
-20
0
20
40
60
80
100
120
140
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Junction Temperature (
oC)
Differential Voltage
0
20
40
60
80
100
120
140
160
180
200
4.80
4.82
4.84
4.86
4.88
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
AZ7805
Junction Temperature(
oC)
10
100
1k
10k
30
35
40
45
50
55
60
65
70
75
80
Frequency (Hz)
Figure 7. Ripple Rejection vs. Frequency
2
3
4
5
6
7
8
9
10
11
12
13
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
AZ7805
125
oC
25
oC
-40
oC
V
IN
-V
OUT
(V)


Similar Part No. - AZ7805DTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7805DTR-E1 BCDSEMI-AZ7805DTR-E1 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
More results

Similar Description - AZ7805DTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX_07 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM340 NSC-LM340 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com