Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7812TTR-E1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7812TTR-E1
Description  3-TERMINAL POSITIVE LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7812TTR-E1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ7812TTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7812TTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7812TTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7812TTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7812TTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ7812TTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ7812TTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ7812TTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ7812TTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
3-TERMINAL POSITIVE LINEAR REGULATORS
AZ78XX
Preliminary Datasheet
11
Jul. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Mechanical Dimension
TO-220
Unit: mm(inch)
φ3.560(0.140)
1.160(0.046)
0.813(0.032)
8.763(0.345)
2.540(0.100)
0.356(0.014)
2.080(0.082)
3.560(0.140)
7
°
9.660(0.380)
0.550(0.022)
60°
0.381(0.015)
2.580(0.102)
60°
φ1.500(0.059)
0.200(0.008)
2.540(0.100)
0.381(0.015)
0.406(0.016)
3.380(0.133)
10.660(0.420)
4.060(0.160)
1.350(0.053)
4.820(0.190)
2.880(0.113)
1.760(0.069)


Similar Part No. - AZ7812TTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7812T BCDSEMI-AZ7812T Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
AZ7812T-E1 BCDSEMI-AZ7812T-E1 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
More results

Similar Description - AZ7812TTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX_07 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM340 NSC-LM340 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com