Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1084T-5.0 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1084T-5.0
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1084T-5.0 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZ1084T-5.0 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1084T-5.0 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1084T-5.0 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1084T-5.0 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1084T-5.0 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1084T-5.0 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1084T-5.0 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1084T-5.0 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1084T-5.0 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
5A LOW DROPOUT LINEAR REGULATOR
AZ1084
Data Sheet
4
Oct. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Package
Tempera-
ture Range
Part Number
Marking ID
Packing
Type
Tin Lead
LeadFree
Tin Lead
LeadFree
TO-263-3
0 to 125oC
AZ1084S-ADJ
AZ1084S-ADJE1
AZ1084S-ADJ
AZ1084S-ADJE1
Tube
AZ1084S-ADJTR
AZ1084S-ADJTRE1
AZ1084S-ADJ
AZ1084S-ADJE1
Tape & Reel
AZ1084S-1.5
AZ1084S-1.5E1
AZ1084S-1.5
AZ1084S-1.5E1
Tube
AZ1084S-1.5TR
AZ1084S-1.5TRE1
AZ1084S-1.5
AZ1084S-1.5E1
Tape & Reel
AZ1084S-1.8
AZ1084S-1.8E1
AZ1084S-1.8
AZ1084S-1.8E1
Tube
AZ1084S-1.8TR
AZ1084S-1.8TRE1
AZ1084S-1.8
AZ1084S-1.8E1
Tape & Reel
AZ1084S-2.5
AZ1084S-2.5E1
AZ1084S-2.5
AZ1084S-2.5E1
Tube
AZ1084S-2.5TR
AZ1084S-2.5TRE1
AZ1084S-2.5
AZ1084S-2.5E1
Tape & Reel
AZ1084S-2.85
AZ1084S-2.85E1
AZ1084S-2.85
AZ1084S-2.85E1
Tube
AZ1084S-2.85TR
AZ1084S-2.85TRE1
AZ1084S-2.85
AZ1084S-2.85E1
Tape & Reel
AZ1084S-3.3
AZ1084S-3.3E1
AZ1084S-3.3
AZ1084S-3.3E1
Tube
AZ1084S-3.3TR
AZ1084S-3.3TRE1
AZ1084S-3.3
AZ1084S-3.3E1
Tape & Reel
AZ1084S-5.0
AZ1084S-5.0E1
AZ1084S-5.0
AZ1084S-5.0E1
Tube
AZ1084S-5.0TR
AZ1084S-5.0TRE1
AZ1084S-5.0
AZ1084S-5.0E1
Tape & Reel
TO-263-2
0 to 125
oC
AZ1084S2-ADJ
AZ1084S2-ADJE1
AZ1084S2-ADJ
AZ1084S2-ADJE1
Tube
AZ1084S2-ADJTR
AZ1084S2-ADJTRE1
AZ1084S2-ADJ
AZ1084S2-ADJE1
Tape & Reel
AZ1084S2-1.5
AZ1084S2-1.5E1
AZ1084S2-1.5
AZ1084S2-1.5E1
Tube
AZ1084S2-1.5TR
AZ1084S2-1.5TRE1
AZ1084S2-1.5
AZ1084S2-1.5E1
Tape & Reel
AZ1084S2-1.8
AZ1084S2-1.8E1
AZ1084S2-1.8
AZ1084S2-1.8E1
Tube
AZ1084S2-1.8TR
AZ1084S2-1.8TRE1
AZ1084S2-1.8
AZ1084S2-1.8E1
Tape & Reel
AZ1084S2-2.5
AZ1084S2-2.5E1
AZ1084S2-2.5
AZ1084S2-2.5E1
Tube
AZ1084S2-2.5TR
AZ1084S2-2.5TRE1
AZ1084S2-2.5
AZ1084S2-2.5E1
Tape & Reel
AZ1084S2-2.85
AZ1084S2-2.85E1
AZ1084S2-2.85
AZ1084S2-2.85E1
Tube
AZ1084S2-2.85TR
AZ1084S2-2.85TRE1
AZ1084S2-2.85
AZ1084S2-2.85E1
Tape & Reel
AZ1084S2-3.3
AZ1084S2-3.3E1
AZ1084S2-3.3
AZ1084S2-3.3E1
Tube
AZ1084S2-3.3TR
AZ1084S2-3.3TRE1
AZ1084S2-3.3
AZ1084S2-3.3E1
Tape & Reel
AZ1084S2-5.0
AZ1084S2-5.0E1
AZ1084S2-5.0
AZ1084S2-5.0E1
Tube
AZ1084S2-5.0TR
AZ1084S2-5.0TRE1
AZ1084S2-5.0
AZ1084S2-5.0E1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information (Continued)


Similar Part No. - AZ1084T-5.0

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084T-5.0E1 BCDSEMI-AZ1084T-5.0E1 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084T-5.0E1 BCDSEMI-AZ1084T-5.0E1 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084T-5.0G1 BCDSEMI-AZ1084T-5.0G1 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084T-5.0G1 BCDSEMI-AZ1084T-5.0G1 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1084T-5.0

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com