Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ78M09T-TRE1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AZ78M09T-TRE1
Description  500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ78M09T-TRE1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ78M09T-TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ78M09T-TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ78M09T-TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ78M09T-TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ78M09T-TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ78M09T-TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ78M09T-TRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ78M09T-TRE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ78M09T-TRE1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78MXX
Preliminary Datasheet
9
May 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Figure 6. Dropout Voltage vs. Junction Temperature
Typical Performance Characteristics
Figure 5. Peak Output Current vs. Dropout Voltage
Figure 4. Output Voltage vs. Junction Temperature
-40
-20
0
20406080
100
120
140
4.90
4.95
5.00
5.05
5.10
Junction Temperature (
oC)
AZ78M05
I
OUT
=5mA
I
OUT
=500mA
-40
-20
0
20406080
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
Junction Temperature (
oC)
I
OUT
=100mA
I
OUT
=350mA
I
OUT
=500mA
2
4
6
8
10
12
14
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Dropout Voltage (V)
T
J
= -40
oC
T
J
= 25
oC
T
J
= 125
oC
Figure 7. Quiescent Current vs. Junction Temperature
-40
-20
0
20406080
100
120
140
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Junction Temperature (
oC)
AZ78M05
V
IN
=10V
I
OUT
=0


Similar Part No. - AZ78M09T-TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78M09T-E1 BCDSEMI-AZ78M09T-E1 Datasheet
132Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AZ78M09T-TRE1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ78MXX BCDSEMI-AZ78MXX_07 Datasheet
132Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com