Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ78L08Z-E1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ78L08Z-E1
Description  3-TERMINAL POSITIVE LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ78L08Z-E1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ78L08Z-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ78L08Z-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ78L08Z-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ78L08Z-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ78L08Z-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ78L08Z-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ78L08Z-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ78L08Z-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ78L08Z-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
3-TERMINAL POSITIVE LINEAR REGULATOR
AZ78LXX
Data Sheet
6
Apr. 2005 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
4.8
5
5.2
V
7.0V ≤ VI ≤ 15V
1.0mA ≤ IO ≤ 40mA (Note 2)
4.75
5.25
Line Regulation
VRLINE
7.0V ≤ VI ≤ 15V
18
75
mV
Load Regulation
VRLOAD
1.0mA ≤ IO ≤ 100mA
20
60
mV
Quiescent Current
IQ
35
mA
Quiescent Current Change
∆I
Q
8.0V ≤ VI ≤ 15V
1.0
mA
1.0mA ≤ IO ≤ 40mA
0.1
Output Noise Voltage
NO
10Hz ≤ f ≤ 100kHz (Note 3)
40
µV
Ripple Rejection
∆V
I/ ∆VO
f=120Hz, 8.0V ≤ VI ≤ 15V
47
62
dB
Peak Output Current
IPK
150
mA
Average Temperature Coefficient of
Output Voltage
∆V
O/ ∆TIO = 5.0mA
-0.65
mV/ oC
Minimum Value of Input Voltage
Required to Maintain Line Regula-
tion
VI(Min)
6.7
7
V
Limits in standard typeface are for TJ =25
oC, Bold typeface applies over 0oC to 125oC, I
O=40 mA, CI =0.33µF,
CO=0.1µF, VI =10V, unless otherwise specified.
Note 2: Power Dissipation ≤ 0.6W
Note 3: Recommended minimum load capacitance of 0.01
µF to limit high frequency noise.
AZ78L05 Electrical Characteristics
Electrical Characteristics


Similar Part No. - AZ78L08Z-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78L08Z-E1 BCDSEMI-AZ78L08Z-E1 Datasheet
271Kb / 18P
   3-TERMINAL POSITIVE LINEAR REGULATOR
More results

Similar Description - AZ78L08Z-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78LXX BCDSEMI-AZ78LXX_07 Datasheet
271Kb / 18P
   3-TERMINAL POSITIVE LINEAR REGULATOR
logo
AiT Semiconductor Inc.
A7812 AITSEMI-A7812 Datasheet
659Kb / 8P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV1.1
A7805 AITSEMI-A7805 Datasheet
623Kb / 6P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
A7805A AITSEMI-A7805A Datasheet
366Kb / 7P
   LINEAR REGULATOR 3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
REV1.0
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com