Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQF21.4-1200-23 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # MQF21.4-1200-23
Description  Monolithic crystal filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MQF21.4-1200-23 Datasheet(HTML) 1 Page - Vectron International, Inc

  MQF21.4-1200-23 Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Monolithic crystal filter
MQF21.4-1200/23
Application
•••• 10 pol filter
i.f.- filter
use in mobile and
stationary transceivers
Characterstics
MQF21.4-1200/23
Pass band
Stop band
Pin connections: 1 Input
2 Input-E
3 Output
4 Output-E
TELE FILTER Zweigniederlassung der DOVER EUROPE GMBH
25.10.00
Potsdamer Str. 18 D- 14513 Teltow
! (+49)03328-4784-10 ; Fax (+49)03328-4784-30 http:\\www.telefilter.com
Limiting values
Unit
Value
Center frequency
fo
MHz
21.4
Insertion loss
dB
≤ 4.0
Pass band at 6.0 dB
kHz
± 6.00
Ripple in pass band
fo
± 4.00 kHz
dB
≤ 2.0
Stop band attenuation
fo
± 14
kHz
dB
≥ 75
fo ± 16 kHz
dB
> 90
Alternte attenuation
fo ± 16...300 kHz
dB
> 90
Terminating impedance Z
R1 || C1
Ohm/pF
1200 || 2.5
R2 || C2
Ohm/pF
1200 || 2.5
Operating temp. range
° C
-20... +70


Similar Part No. - MQF21.4-1200-23

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF21.4-1200-27 VECTRON-MQF21.4-1200-27 Datasheet
57Kb / 1P
   Monolithic crystal filter
MQF21.4-1200-29 VECTRON-MQF21.4-1200-29 Datasheet
78Kb / 1P
   Monolithic crystal filter
More results

Similar Description - MQF21.4-1200-23

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF13.0-2500 VECTRON-MQF13.0-2500_06 Datasheet
56Kb / 1P
   Monolithic crystal filter
MQF19.5-1200 VECTRON-MQF19.5-1200_06 Datasheet
57Kb / 1P
   Monolithic crystal filter
MQF20.0-0300 VECTRON-MQF20.0-0300_06 Datasheet
55Kb / 1P
   Monolithic crystal filter
MQF21.4-0750 VECTRON-MQF21.4-0750_06 Datasheet
60Kb / 1P
   Monolithic crystal filter
MQF21.4-1500-01 VECTRON-MQF21.4-1500-01_04 Datasheet
56Kb / 1P
   Monolithic crystal filter
MQF21.4-1500-33 VECTRON-MQF21.4-1500-33_02 Datasheet
63Kb / 1P
   Monolithic crystal filter
MQF21.4-1800-08 VECTRON-MQF21.4-1800-08_05 Datasheet
61Kb / 1P
   Monolithic crystal filter
MQF45.0-1200-13 VECTRON-MQF45.0-1200-13_06 Datasheet
59Kb / 1P
   Monolithic crystal filter
MQF45.0-3000-09 VECTRON-MQF45.0-3000-09_04 Datasheet
60Kb / 1P
   Monolithic crystal filter
MQF45.0-2500 VECTRON-MQF45.0-2500 Datasheet
62Kb / 1P
   Monolithic crystal filter
MQF61.44-1500-01 VECTRON-MQF61.44-1500-01_04 Datasheet
56Kb / 1P
   Monolithic crystal filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com