Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS431BZTR-E1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AS431BZTR-E1
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431BZTR-E1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS431BZTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
AS431
Data Sheet
4
Nov. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
40
V
Cathode Current Range (Continuous)
IKA
-100 to 150
mA
Reference Input Current Range
IREF
10
mA
Power Dissipation
PD
Z, R Package: 770
mW
N, K Package: 370
Junction Temperature
TJ
160
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Package Thermal Impedance
θ
JA
N Package: 330
oC/W
Z Package: 150
R Package: 50
K Package: 250
ESD (Human Body Model)
4000
V
Parameter
Symbol
Min
Max
Unit
Cathode Voltage
VKA
VREF
36
V
Cathode Current
IKA
1.0
100
mA
Operating Ambient Temperature Range
-40
125
oC
Recommended Operating Conditions
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings" for extended periods may affect device reliability.
Absolute Maximum Ratings (Note 1)


Similar Part No. - AS431BZTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431BZTR-E1 BCDSEMI-AS431BZTR-E1 Datasheet
704Kb / 18P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - AS431BZTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com