Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1117H-1.8 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1117H-1.8
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1117H-1.8 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ1117H-1.8 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1117H-1.8 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1117H-1.8 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1117H-1.8 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1117H-1.8 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1117H-1.8 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1117H-1.8 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1117H-1.8 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1117H-1.8 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
CURRENT MODE PWM CONTROLLER
AZ2842/3/4/5
Data Sheet
1A LOW DROPOUT LINEAR REGULATOR
AZ1117
Data Sheet
1
Oct. 2005 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
General Description
The AZ1117 is a series of low dropout three-terminal
regulators with a dropout of 1.15V at 1A output cur-
rent.
The AZ1117 series provides current limiting and ther-
mal shutdown. Its circuit includes a trimmed bandgap
reference to assure output voltage accuracy to be
within 1% for 1.5V, 1.8V, 2.5V, 2.85V, 3.3V, 5.0V and
adjustable versions or 2% for 1.2V version. Current
limit is trimmed to ensure specified output current and
controlled short-circuit current. On-chip thermal shut-
down provides protection against any combination of
overload and ambient temperature that would create
excessive junction temperature.
The AZ1117 has an adjustable version, that can pro-
vide the output voltage from 1.25V to 12V with only 2
external resistors.
The AZ1117 series is available in the industry standard
SOT-223, SOT-89-3, TO-220-3, TO-252-2 and TO-
263-3 power packages.
Features
·
Low Dropout Voltage: 1.15V at 1A Output Cur-
rent
·
Trimmed Current Limit
·
On-chip Thermal Shutdown
·
Three-terminal Adjustable or Fixed 1.2V, 1.5V,
1.8V, 2.5V, 2.85V, 3.3V, 5.0V
·
Operation Junction Temperature: -40 to 125oC
Applications
·
PC Motherboard
·
LCD Monitor
·
Graphic Card
·
DVD-video Player
·
NIC/Switch
·
Telecom Equipment
·
ADSL Modem
·
Printer and other Peripheral Equipment
SOT-223
TO-220-3
TO-252-2
Figure 1. Package Types of AZ1117
SOT-89-3
TO-263-3


Similar Part No. - AZ1117H-1.8

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117H-1.8TRE1 BCDSEMI-AZ1117H-1.8TRE1 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
AZ1117H-1.8TRE1 BCDSEMI-AZ1117H-1.8TRE1 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117H-1.8TRE1 DIODES-AZ1117H-1.8TRE1 Datasheet
554Kb / 32P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1117H-1.8

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com