Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1117BH-3.3TRE1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1117BH-3.3TRE1
Description  600mA LOW DROPOUT LINEAR REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1117BH-3.3TRE1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1117BH-3.3TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1117BH-3.3TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1117BH-3.3TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1117BH-3.3TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1117BH-3.3TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1117BH-3.3TRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1117BH-3.3TRE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ1117BH-3.3TRE1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZ1117BH-3.3TRE1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP2317
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Preliminary Datasheet
800mA LOW DROPOUT LINEAR REGULATOR
AZ1117B
10
Mar. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Figure 11. Power Dissipation vs. Case Temperature
Figure 10. Dropout Voltage vs. Output Current
Typical Performance Characteristics (Continued)
Figure 8. Minimum Load Current vs. Junction Temperature
-20
0
20
40
60
80
100
-2
-1
0
1
2
3
Junction Temperature (
oC)
AZ1117B-ADJ
Figure 9. Adjust Pin Current vs. Junction Temperature
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
9
10
Case Temperature (
oC)
AZ1117B-2.5V
In chamber, no heatsink
0
100
200
300
400
500
600
700
800
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Output Current (mA)
AZ1117B-2.5V
V
IN
=4.5V
-40
oC
-25
oC
25
oC
100
oC
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
90
100
Junction Temperature (
oC)
AZ1117B-ADJ
V
IN
=4.8V
I
OUT
=10mA


Similar Part No. - AZ1117BH-3.3TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117BH-3.3TRE1 BCDSEMI-AZ1117BH-3.3TRE1 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
AZ1117BH-3.3TRE1 BCDSEMI-AZ1117BH-3.3TRE1 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results

Similar Description - AZ1117BH-3.3TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com