Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4303AM-DTRE1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP4303AM-DTRE1
Description  QUAD OP AMP AND VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4303AM-DTRE1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP4303AM-DTRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4303AM-DTRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4303AM-DTRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4303AM-DTRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4303AM-DTRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4303AM-DTRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4303AM-DTRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4303AM-DTRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4303AM-DTRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4303
Data Sheet
4
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Circuit Type
Voltage Tolerance
A: 0.5%
B: 1%
Package
P: DIP-16
M: SOIC-16
Output Voltage Reference
C: 1.25V
D: 1.24V
AP4303
-
E1: Lead Free
Blank: Tin Lead
TR: Tape and Reel
Blank: Tube
Package
Reference
Voltage
Voltage
Tolerance
Tempera-
ture Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
DIP-16
1.25V
0.5%
-40 to 85oC
AP4303AP-C
AP4303AP-CE1
AP4303AP-C
AP4303AP-CE1
Tube
1%
AP4303BP-C
AP4303BP-CE1
AP4303BP-C
AP4303BP-CE1
1.24V
0.5%
AP4303AP-D
AP4303AP-DE1
AP4303AP-D
AP4303AP-DE1
1%
AP4303BP-D
AP4303BP-DE1
AP4303BP-D
AP4303BP-DE1
SOIC-16
1.25V
0.5%
-40 to 85oC
AP4303AM-C
AP4303AM-CE1
AP4303AM-C AP4303AM-CE1
Tube
AP4303AM-CTR AP4303AM-CTRE1 AP4303AM-C AP4303AM-CE1
Tape &
Reel
1%
AP4303BM-C
AP4303BM-CE1
AP4303BM-C
AP4303BM-CE1
Tube
AP4303BM-CTR
AP4303BM-CTRE1
AP4303BM-C
AP4303BM-CE1
Tape &
Reel
1.24V
0.5%
AP4303AM-D
AP4303AM-DE1
AP4303AM-D AP4303AM-DE1
Tube
AP4303AM-DTR AP4303AM-DTRE1 AP4303AM-D AP4303AM-DE1
Tape &
Reel
1%
AP4303BM-D
AP4303BM-DE1
AP4303BM-D AP4303BM-DE1
Tube
AP4303BM-DTR AP4303BM-DTRE1 AP4303BM-D AP4303BM-DE1
Tape &
Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information


Similar Part No. - AP4303AM-DTRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4303AM-DTRE1 BCDSEMI-AP4303AM-DTRE1 Datasheet
168Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4303AM-DTRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4302 BCDSEMI-AP4302_06 Datasheet
167Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303 BCDSEMI-AP4303_06 Datasheet
168Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com