Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7808T Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7808T
Description  3-TERMINAL POSITIVE LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7808T Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ7808T Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ7808T Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ7808T Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7808T Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7808T Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7808T Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7808T Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7808T Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ7808T Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3-TERMINAL POSITIVE LINEAR REGULATORS
AZ78XX
Preliminary Datasheet
6
Jul. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ=25
oC
5.88
6.0
6.12
V
IO=5mA to 1A, VI=8.6 to 15V, PD ≤ 15W
5.76
6.0
6.24
Line Regulation
VRLINE
VI=9V to 15V, IO=1A, TJ=25
oC
1.6
25
mV
Load Regulation
VRLOAD
VI=11V, IO=5mA to 1A, TJ=25
oC
20
37
mV
Quiescent Current
IQ
VI=11V
3.3
6.0
mA
Quiescent Current Change
∆I
Q
VI=9V to 15V, IO=500mA, TJ=25
oC
0.3
0.8
mA
IO=5.0mA to 1A, TJ=25
oC
0.08
0.5
Ripple Rejection
∆V
I/∆VO
VI=9V to 15V, f=120Hz, IO=300mA
58
65
dB
Dropout Voltage
VI-VO
∆V
O/VO=1%, IO=1A, TJ=25
oC
2.0
V
Output Noise Voltage
NO
f=10Hz to 100KHz, TA=25
oC
10
µV/V
O
Output Resistance
RO
f=1.0kHz
10
m
Short Circuit Current
IPK
VI=15V, TA=25
oC
0.8
A
Peak Output Current
IMAX
VI=11V, TJ=25
oC
2.2
A
Output Voltage Drift
∆V
O/∆T
-0.3
mV/oC
AZ7806 (VI=11V, IO=1A, TJ=-40 to 125
oC, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ=25
oC
4.9
5.0
5.1
V
IO=5mA to 1A, VI=7.5 to 15V, PD ≤ 15W
4.8
5.0
5.2
Line Regulation
VRLINE
VI=8V to 15V, IO=1A, TJ=25
oC
120
mV
Load Regulation
VRLOAD
VI=10V, IO=5mA to 1A, TJ=25
oC
10
35
mV
Quiescent Current
IQ
VI=10V
3.2
6.0
mA
Quiescent Current Change
∆I
Q
VI=8V to 15V, IO=500mA, TJ=25
oC
0.3
0.8
mA
IO=5mA to 1A, TJ=25
oC
0.08
0.5
Ripple Rejection
∆V
I/∆VO
VI=8V to 15V, f=120Hz, IO=300mA
63
73
dB
Dropout Voltage
VI-VO
∆V
O/VO=1%, IO=1A, TJ=25
oC
2.0
V
Output Noise Voltage
NO
f=10Hz to 100KHz, TA=25
oC
10
µV/V
O
Output Resistance
RO
f=1.0kHz
10
m
Short Circuit Current
IPK
VI=15V, TA=25
oC
0.8
A
Peak Output Current
IMAX
VI=10V, TJ=25
oC
2.2
A
Output Voltage Drift
∆V
O/∆T
-0.3
mV/oC
Electrical Characteristics
AZ7805 (VI=10V, IO=1A, TJ=-40 to 125
oC, unless otherwise specified.)


Similar Part No. - AZ7808T

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7808T BCDSEMI-AZ7808T Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
AZ7808T-E1 BCDSEMI-AZ7808T-E1 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
More results

Similar Description - AZ7808T

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX_07 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM340 NSC-LM340 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com