Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ317L Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ317L
Description  3-TERMINAL ADJUSTABLE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ317L Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ317L Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ317L Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ317L Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ317L Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ317L Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ317L Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ317L Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ317L Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ317L Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
3-TERMINAL ADJUSTABLE REGULATOR
AZ317L
Data Sheet
5
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Electrical Characteristics
0oC ≤ T
J ≤ 125
oC, V
IN -VOUT = 5V, IOUT = 40mA, PD ≤ 625mW, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Line Regulation
RegLINE
TJ = 25
oC, 3V
≤ (V
IN -VOUT) ≤ 15V
IL ≤ 20mA (Note 2)
0.01
0.04
%/V
3V
≤ (V
IN-VOUT) ≤ 15V, IL ≤ 20mA
(Note 2)
0.02
0.07
%/V
Load Regulation
RegLOAD
TJ = 25
oC, 5mA
≤ I
OUT ≤ 100mA
(Note 2)
0.1
0.5
%
5mA
≤ I
OUT ≤ 100mA
(Note 2)
0.3
1.5
%
Thermal Regulation
TJ = 25
oC, 10ms Pulse
0.04
0.2
%/W
Adjust Pin Current
50
100
µA
Adjust Pin Current
Change
5mA
≤ I
L ≤ 100mA
3V
≤ (V
IN-VOUT) ≤ 15V
0.2
5
µA
Reference Voltage
VREF
3V
≤ (V
IN -VOUT) ≤ 15V
5mA
≤ I
OUT ≤ 100mA
1.20
1.25
1.30
V
Current Limit
ILIMIT
3V
≤ (V
IN -VOUT) ≤ 13V
100
200
300
mA
Minimum Load Cur-
rent
3V
≤ (V
IN -VOUT) ≤ 13V
3.5
5
mA
Ripple Rejection
VOUT = 10V, f = 120Hz, CADJ = 0µF
62
dB
VOUT = 10V, f = 120Hz, CADJ = 10µF
60
70
Temperature Stability
0
oC
≤ Τ
J ≤ 125
oC
0.65
%
Long Term Stability
TJ=125
oC, 1000 Hours
0.3
1
%
RMS Output Noise,
% of VOUT
TJ = 25
oC, 10Hz
≤ f ≤ 10ΚΗz
0.003
%
Thermal Resistance
Junction to Case
TO-92
SOIC-8
185
175
oC/W
Note 2: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered under the specification of thermal regulation.


Similar Part No. - AZ317L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317L BCDSEMI-AZ317L Datasheet
162Kb / 12P
   3-TERMINAL ADJUSTABLE REGULATOR
AZ317LM BCDSEMI-AZ317LM Datasheet
162Kb / 12P
   3-TERMINAL ADJUSTABLE REGULATOR
AZ317LM-E1 BCDSEMI-AZ317LM-E1 Datasheet
162Kb / 12P
   3-TERMINAL ADJUSTABLE REGULATOR
AZ317LMTR BCDSEMI-AZ317LMTR Datasheet
162Kb / 12P
   3-TERMINAL ADJUSTABLE REGULATOR
AZ317LMTR-E1 BCDSEMI-AZ317LMTR-E1 Datasheet
162Kb / 12P
   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - AZ317L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com