Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2317S-ADJTR Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2317S-ADJTR
Description  600mA LOW DROPOUT LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2317S-ADJTR Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2317S-ADJTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2317S-ADJTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2317S-ADJTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2317S-ADJTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2317S-ADJTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2317S-ADJTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2317S-ADJTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2317S-ADJTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2317S-ADJTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA LOW DROPOUT LINEAR REGULATOR
AP2317
4
Sep. 2005 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Recommended Operating Conditions
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Parameter
Symbol
Value
Unit
Input Voltage
VIN
15
V
Operating Junction Temperature Range
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
300
oC
ESD (Human Body Model)
ESD
3500
V
ESD (Machine Model)
ESD
400
V
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
12
V
Operating Junction Temperature Range
TJ
-40
125
oC
Storage Temperature Range
TSTG
-65
150
oC
Absolute Maximum Ratings (Note 1)
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-89-3
-40 to 125oC
AP2317R-ADJTR
AP2317R-ADJTRE1
R27A
E27A
Tape & Reel
AP2317R-2.5TR
AP2317R-2.5TRE1
R27B
E27B
Tape & Reel
AP2317R-3.3TR
AP2317R-3.3TRE1
R27C
E27C
Tape & Reel
SOT-223
-40 to 125
oC
AP2317H-ADJTR
AP2317H-ADJTRE1
H27A
EH27A
Tape & Reel
AP2317H-2.5TR
AP2317H-2.5TRE1
H27B
EH27B
Tape & Reel
AP2317H-3.3TR
AP2317H-3.3TRE1
H27C
EH27C
Tape & Reel
TO-263-3
-40 to 125oC
AP2317S-3.3
AP2317S-3.3E1
AP2317S-3.3
AP2317S-3.3E1
Tube
AP2317S-3.3TR
AP2317S-3.3TRE1
AP2317S-3.3
AP2317S-3.3E1
Tape & Reel
Ordering Information (Continued)


Similar Part No. - AP2317S-ADJTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2317S-3.3 BCDSEMI-AP2317S-3.3 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317S-3.3E1 BCDSEMI-AP2317S-3.3E1 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317S-3.3TR BCDSEMI-AP2317S-3.3TR Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317S-3.3TRE1 BCDSEMI-AP2317S-3.3TRE1 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AP2317S-ADJTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com