Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2317R-ADJTR Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2317R-ADJTR
Description  600mA LOW DROPOUT LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2317R-ADJTR Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2317R-ADJTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA LOW DROPOUT LINEAR REGULATOR
AP2317
2
Sep. 2005 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AP2317 (Top View)
H Package
(SOT-223)
INPUT
OUTPUT
ADJ/GND
VOUT
1
2
3
R Package
ADJ/GND
OUTPUT
INPUT
VOUT
(SOT-89-3)
3
2
1
Pin Configuration
3
2
1
GND
OUTPUT
INPUT
S Package
(TO-263-3)


Similar Part No. - AP2317R-ADJTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2317R-ADJTR BCDSEMI-AP2317R-ADJTR Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317R-ADJTRE1 BCDSEMI-AP2317R-ADJTRE1 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AP2317R-ADJTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com