Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2202K-2.9TRE1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP2202K-2.9TRE1
Description  150mA RF ULDO REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2202K-2.9TRE1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2202K-2.9TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
150mA RF ULDO REGULATOR
AP2202
Preliminary Datasheet
8
Aug. 2005 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Output Voltage vs. Junction Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
2.700
2.725
2.750
2.775
2.800
2.825
2.850
2.875
2.900
Junction Temperature (
oC)
AZ2202-2.8V
Figure 5. Dropout Voltage vs. Junction Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
0
50
100
150
200
250
300
350
Junction Temperature (
oC)
I
OUT
=50mA
I
OUT
=100mA
I
OUT
=150mA
C
IN
=1.0µF, C
L
=2.2µF, C
BYP
=1nF
Electrical Characteristics (Continued)
Note 3: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
Note 4: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal
regulation specification.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the
supply is the sum of the load current plus the ground pin current.
Figure 6. Quiescent Current vs. Output Current
Figure 7. Quiescent Current vs. Junction Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
-2000
-1000
0
1000
2000
3000
4000
5000
AP2202-2.8V
I
OUT
=50mA
I
OUT
=100mA
I
OUT
=150mA
V
IN
=3.8V,V
EN
=2.0V,C
IN
=1.0µF,
C
L
=2.2µF,C
BYP
=1nF
Junction Temperature (
oC)
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
-4
-3
-2
-1
0
1
2
3
4
5
6
Output Current (mA)


Similar Part No. - AP2202K-2.9TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2202K-2.9TRE1 BCDSEMI-AP2202K-2.9TRE1 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
More results

Similar Description - AP2202K-2.9TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com