Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4300AP-B Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP4300AP-B
Description  DUAL OP AMP AND VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4300AP-B Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4300AP-B Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4300AP-B Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4300AP-B Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4300AP-B Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4300AP-B Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4300AP-B Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4300AP-B Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4300AP-B Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4300AP-B Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DUAL OP AMP AND VOLTAGE REFERENCE
AP4300
Data Sheet
6
Apr. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Operating Conditions: VCC = +5V, TA= 25
oC unless otherwise specified.
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Total Supply Current, Excluding
Current in Voltage Reference
VCC = 5V, no load, -40
oC
T
A 105
oC
0.5
0.8
mA
VCC = 18V, no load, -40
oC
T
A 105
oC
0.6
1.2
Voltage Reference Section
Reference Voltage for AP4300-A
IK = 10mA,
TA = 25
oC
0.5% tolerance
2.587
2.600
2.613
V
1% tolerance
2.574
2.626
Reference Voltage for AP4300-B
IK = 10mA,
TA = 25
oC
0.5% tolerance
2.487
2.500
2.513
V
1% tolerance
2.475
2.525
Reference Voltage Deviation over
Full Temperature Range
IK = 10mA, TA = -40 to 105
oC
5
24
mV
Minimum Cathode Current for Regu-
lation
0.1
1
mA
Dynamic Impedance
IK = 1.0 to 80mA, f<1kHz
0.2
0.5
Op Amp 1 Section (VCC = 5V, VO = 1.4V, TA = 25
oC, unless otherwise noted)
Input Offset Voltage
TA = 25
oC
0.5
3
mV
TA = -40 to 105
oC
5
Input Offset Voltage
Temperature Drift
TA = -40 to 105
oC
7
µV/ oC
Input Bias Current (Inverting Input
Only)
TA = 25
oC
20
150
nA
Large Signal Voltage Gain
VCC = 15V, RL = 2KΩ, VO = 1.4 to 11.4V
85
100
dB
Power Supply Rejection Ratio
VCC = 5 to 18V
70
90
dB
Output Current
Source
VCC = 15V, VID = 1V, VO =2V
20
40
mA
Sink
VCC = 15V, VID = -1V, VO = 2V
10
20
mA
Output Voltage Swing (High)
VCC = 18V, RL = 10KΩ, VID = 1V
16
16.5
V
Output Voltage Swing (Low)
VCC = 18V, RL = 10KΩ, VID = -1V
17
100
mV
Slew Rate
VCC = 18V, RL = 2kΩ, AV = 1,
VIN = 0.5 to 2V, CL = 100pF
0.2
0.5
V/
µ s
Gain Bandwidth Product
VCC = 18V, RL = 2kΩ, CL = 100pF,
VIN = 10mV, f = 100kHz
0.7
1
MHz


Similar Part No. - AP4300AP-B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300AP-B BCDSEMI-AP4300AP-B Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4300AP-BE1 BCDSEMI-AP4300AP-BE1 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4300AP-B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310A DIODES-AP4310A Datasheet
506Kb / 8P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
   Dual op AMP and voltage reference
logo
SeCoS Halbleitertechnol...
SPW8103S SECOS-SPW8103S Datasheet
749Kb / 4P
   Dual OP-AMP and 2.5V 0.7% Voltage Reference
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com