Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2218T-3.3 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2218T-3.3
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2218T-3.3 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2218T-3.3 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2218T-3.3 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2218T-3.3 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2218T-3.3 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2218T-3.3 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2218T-3.3 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2218T-3.3 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2218T-3.3 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2218T-3.3 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Aug. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
1A LOW DROPOUT LINEAR REGULATOR
AP2218
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Value
Unit
Supply Voltage
VIN
15
V
Maximum Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
300
oC
ESD (Machine Model)
350
V
ESD (Human Body Model)
2000
V
Absolute Maximum Ratings (Note 1)
Package
Temperature
Range
Part Number
Marking ID
Package
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-220F-4
-40 to 125
oC
AP2218T-3.3
AP2218T-3.3E1
AP2218T-3.3
AP2218T-3.3E1
Tube
AP2218T-5.0
AP2218T-5.0E1
AP2218T-5.0
AP2218T-5.0E1
Tube
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VIN
8
V
Operating Junction Temperature
TJ
-40
125
oC
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information (Continued)


Similar Part No. - AP2218T-3.3

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210K-2.5TR BCDSEMI-AP2210K-2.5TR Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
AP2210K-2.5TRE1 BCDSEMI-AP2210K-2.5TRE1 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2210K-2.5TRE1 DIODES-AP2210K-2.5TRE1 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
More results

Similar Description - AP2218T-3.3

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com