Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2202K-2.5TR Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2202K-2.5TR
Description  150mA RF ULDO REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2202K-2.5TR Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2202K-2.5TR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2202K-2.5TR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2202K-2.5TR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2202K-2.5TR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2202K-2.5TR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2202K-2.5TR Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2202K-2.5TR Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2202K-2.5TR Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2202K-2.5TR Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
150mA RF ULDO REGULATOR
AP2202
Preliminary Datasheet
10
Aug. 2005 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Figure 12. Line Transient
(Conditions: VIN=3.8V to 4.8V, VEN=2V, IOUT=100µA
CBYP=680pF, CL=10µF)
Time (
µs)
Figure 13. VEN(on) vs. VO
(Conditions: VEN=0V to 2V, VIN=3.8V, IOUT=30mA,
CBYP=open, CL=2.2µF)
Time (
µs)
Typical Performance Characteristics (Continued)
AP2202-2.8V
AP2202-2.8V
Figure 14. PSRR vs. Frequency
100
1k
10k
100k
1M
10M
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
AP2202-2.8V
( Conditions: CIN =1.0µF, CL = 2.2µF, CBYP= open,
VIN=3.8V, IOUT=10mA, VEN=2V)


Similar Part No. - AP2202K-2.5TR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2202K-2.5TR BCDSEMI-AP2202K-2.5TR Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
AP2202K-2.5TRE1 BCDSEMI-AP2202K-2.5TRE1 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202K-2.5TRE1 DIODES-AP2202K-2.5TRE1 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
AP2202K-2.5TRG1 DIODES-AP2202K-2.5TRG1 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
More results

Similar Description - AP2202K-2.5TR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com