Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2115BK-1.8TRE1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2115BK-1.8TRE1
Description  300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2115BK-1.8TRE1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2115BK-1.8TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2115BK-1.8TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2115BK-1.8TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2115BK-1.8TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2115BK-1.8TRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2115BK-1.8TRE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2115BK-1.8TRE1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2115BK-1.8TRE1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2115BK-1.8TRE1 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2115
Preliminary Datasheet
11
Oct. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Figure 8. Input Voltage vs. Supply Current (No Load)
Figure 9. Dropout Voltage vs. Ambient Temperature
Typical Performance Characteristics
1
2
34
56
0
20
40
60
80
100
Input Voltage (V)
AP2115-3.0V
T
A
=25
OC
-40
-20
0
20
40
60
80
100
120
0.10
0.15
0.20
0.25
0.30
Ambient Temperature (
oC)
AP2115-3.0V
I
OUT
=200mA
Figure 10. Dropout Voltage vs. Output Current
0
25
50
75
100
125
150
175
200
225
250
275
300
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
Output Current (mA)
AP2115-3.0V
T
A
=25
OC
0
100
200
300
0
100
200
300
400
500
600
Output Current (mA)
AP2115-1.8V
T
A
=25
oC
Figure 11. Dropout Voltage vs. Output Current


Similar Part No. - AP2115BK-1.8TRE1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
BCD Semiconductor Manuf...
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2115M-1.2G1 DIODES-AP2115M-1.2G1 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
BCD Semiconductor Manuf...
AP2115M-1.2TRG1 BCDSEMI-AP2115M-1.2TRG1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2115M-1.2TRG1 DIODES-AP2115M-1.2TRG1 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
More results

Similar Description - AP2115BK-1.8TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
   Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Rohm
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
612Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com