Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWS750-1U Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PWS750-1U
Description  Isolated, Unregulated DC/DC CONVERTER COMPONENTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PWS750-1U Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button PWS750-1U Datasheet HTML 3Page - Burr-Brown (TI) PWS750-1U Datasheet HTML 4Page - Burr-Brown (TI) PWS750-1U Datasheet HTML 5Page - Burr-Brown (TI) PWS750-1U Datasheet HTML 6Page - Burr-Brown (TI) PWS750-1U Datasheet HTML 7Page - Burr-Brown (TI) PWS750-1U Datasheet HTML 8Page - Burr-Brown (TI) PWS750-1U Datasheet HTML 9Page - Burr-Brown (TI) PWS750-1U Datasheet HTML 10Page - Burr-Brown (TI) PWS750-1U Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
®
PWS750
7
6
5
7
PWS750-2U
2
3
4
3
6
PWS750-3U
4
1
Output
Gnd
0.3µF
–V
O
+V
O
Duplicate for Up to 8 Channels
User Option
10µH
0.3µF
Input
Gnd
14
12
10
EN
TTLIN
TTLOUT
PWS750-1U
1
G
16
D
S
56
2N7002
T
T
3
7
11
V
D
IN
+V
+V
G
D
S
56
2N7002
G
D
S
2N7002
G
D
S
2N7002
0.3µF
0.3µF
PWS750-3U HIGH SPEED
DIODE BRIDGE PIN FUNCTIONS
The AC pins are tied directly to the AC pins of the PWS750-
2U. The +V and –V pins are rectified output voltages. The
filter capacitors must be located as close as possible to these
pins to minimize series inductance and therefore noise.
Bypass capacitors will be needed at each device in the
circuit.
BASIC OPERATION
SINGLE CHANNEL OPERATION,
PC BOARD LAYOUT CONSIDERATIONS
A simple two-layer board can be used on single channel
applications to create a DC/DC converter with low radiated
noise. A ground plane should be located directly under both
the input and the output components for optimum ground
return paths. The surface mount components make it easy to
design with a ground plane. The output filter capacitors
should be located as close to the PWS750-3U as possible. A
sample layout is shown in Figure 1.
For multiple channel applications, T and T traces must have
minimum capacitive loading. Therefore, there should be no
ground plane (or power plane) under these two traces. The
driver signal is a 4-6V low current 800kHz signal, which
will generate little radiated noise if the traces are kept short.
MULTIPLE CHANNEL OPERATION
The oscillator can drive up to four-channels (eight FETs)
directly when operating at 10-18V. A 10
Ω resistor must be
placed in series with T and T to stabilize the FET gate
charging. For more than four-channel operation, or 5V-
multiple-channel operation, the driver circuit needs a FET
booster circuit, as shown in Figure 2. Large gate drive surge
currents (>100mA) are needed to turn on the gates.
If the total output current drawn by all the channels exceeds
250mA, then it will be necessary to circumvent the current
limit circuit by leaving the VD pin of the PWS750-1U open,
and connect the VD pin of the PWS750-2U directly to the
supply.
5V OPERATION
With 5V operation, the transformer winding current ratio is
3:1, therefore generating much greater currents in the pri-
mary. The input ripple voltage will be larger, so an input pi
filter will be necessary to isolate the converter noise from the
rest of the circuit. For example, when the output is
±15mA
the input current will be at least 120mA.
MOSFET
MAX DRIVE CURRENT
PACKAGE
BREAKDOWN
TN0604
4A
TO-92
40V
2N7002
115mA
SO-T23
60V
2N7008
500mA
TO-92
60V
2N7010
1.3A
TO-237
60V
2N7012
1.2A
4-Pin DIP
60V
TABLE I. MOSFET Selector Guide.
FIGURE 2. MOSFET Driver Booster Circuits.


Similar Part No. - PWS750-1U

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PWS7502A115N4LG HAMMOND-PWS7502A115N4LG Datasheet
57Kb / 2P
   Echangeur de chaleur air/eau
PWS7502A230N4LG HAMMOND-PWS7502A230N4LG Datasheet
57Kb / 2P
   Echangeur de chaleur air/eau
More results

Similar Description - PWS750-1U

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0305M-1W MORNSUN-B0305M-1W Datasheet
340Kb / 4P
   ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS745 BURR-BROWN-PWS745 Datasheet
83Kb / 10P
   Multi-Channel Isolated DC/DC CONVERTER COMPONENTS
logo
Vicor Corporation
B048X160Y24A VICOR-B048X160Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X320Y30A VICOR-B048X320Y30A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
logo
Burr-Brown (TI)
PWS725A BURR-BROWN-PWS725A Datasheet
68Kb / 6P
   Isolated, Unregulated DC/DC CONVERTERS
logo
Vicor Corporation
B048X240Y30A VICOR-B048X240Y30A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X060Y24A VICOR-B048X060Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X480Y30A VICOR-B048X480Y30A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X080Y24A VICOR-B048X080Y24A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com