Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA641PB Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA641PB
Description  Wideband Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA641PB Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA641PB Datasheet HTML 5Page - Burr-Brown (TI) OPA641PB Datasheet HTML 6Page - Burr-Brown (TI) OPA641PB Datasheet HTML 7Page - Burr-Brown (TI) OPA641PB Datasheet HTML 8Page - Burr-Brown (TI) OPA641PB Datasheet HTML 9Page - Burr-Brown (TI) OPA641PB Datasheet HTML 10Page - Burr-Brown (TI) OPA641PB Datasheet HTML 11Page - Burr-Brown (TI) OPA641PB Datasheet HTML 12Page - Burr-Brown (TI) OPA641PB Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
®
OPA641
NOISE FIGURE
The OPA641 voltage and current noise spectral densities are
specified in the Typical Performance Curves. For RF appli-
cations, however, Noise Figure (NF) is often the preferred
noise specification since it allows system noise performance
to be more easily calculated. The OPA641’s Noise Figure vs
Source Resistance is shown in Figure 7.
ENVIRONMENTAL (Q) SCREENING
The inherent reliability of a semiconductor device is con-
trolled by the design, materials and fabrication of the device
—it cannot be improved by testing. However, the use of
environmental screening can eliminate the majority of those
units which would fail early in their lifetimes (infant mortal-
ity) through the application of carefully selected accelerated
stress levels. Burr-Brown “Q-Screening” provides environ-
mental screening to our standard industrial products, thus
enhancing reliability. The screening illustrated in the follow-
ing table is performed to selected stress levels similar to
those of MIL-STD-883.
FIGURE 7. Noise Figure vs Source Resistance.
SPICE MODELS
Computer simulation using SPICE is often useful when
analyzing the performance of analog circuits and systems.
This is particularly true for Video and RF amplifier circuits
where parasitic capacitance and inductance can have a major
effect on circuit performance. SPICE models are available
for the OPA641. Contact Burr-Brown Applications Depart-
ment to receive a spice diskette.
SCREEN
METHOD
Internal Visual
Burr-Brown QC4118
Stabilization Bake
Temperature = 150
°C, 24 hrs
Temperature Cycling
Temperature = –65
°C to 150°C, 10 cycles
Burn-In Test
Temperature = 125
°C, 160 hrs minimum
Centrifuge
20,000G
Hermetic Seal
Fine: He leak rate < 5 x 1x0–8 atm cc/s, 30PSiG
Gross: per Fluorocarbon bubble test, 60PSiG
Electrical Tests
As described in specifications tables.
External Visual
Burr-Brown QC5150
NOTE: Q-Screening is available on the HSQ package only.
DEMONSTRATION BOARDS
Demonstration boards to speed prototyping are available.
Refer to the DEM-OPA64X Datasheet for details.
Source Resistance (
Ω)
10
100
1k
10k
25
20
15
10
5
0
100k
NF = 10 LOG 1 +
e
n
2 + (I
nRS)
2
4KTR
S


Similar Part No. - OPA641PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640P BURR-BROWN-OPA640P Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA641PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com