Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT209 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT209
Description  PHOTODIODE WITH ON-CHIP AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 2 page
background image
2
®
OPT209
OPT209P
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESPONSIVITY
Photodiode Current
650nm
0.45
A/W
Voltage Output
650nm
0.45
V/
µW
vs Temperature
100
ppm/
°C
Unit-to-Unit Variation
650nm
±5%
Nonlinearity(1)
FS Output = 10V
0.01
% of FS
Photodiode Area
(0.090 x 0.090in)
0.008
in2
(2.29 x 2.29mm)
5.2
mm2
DARK ERRORS, RTO(2)
Offset Voltage, Output
±0.5
±2mV
vs Temperature
±10
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
10
100
µV/V
Voltage Noise
Measured BW = 0.1 to 100kHz
350
µVrms
RESISTOR—1M
Ω Internal
Resistance
1M
Tolerance
±0.5
±2%
vs Temperature
50
ppm/
°C
FREQUENCY RESPONSE
Bandwidth, Large or Small-Signal, –3dB
16
kHz
Rise Time, 10% to 90%
22
µs
Settling Time, 1%
FS to Dark
60
µs
0.1%
FS to Dark
85
µs
0.01%
FS to Dark
100
µs
Overload Recovery Time (to 1%)
100% 0verdrive, VS = ±15V
44
µs
100% 0verdrive, VS = ±5V
100
µs
100% 0verdrive, VS = ±2.25V
240
µs
OUTPUT
Voltage Output
RL = 10kΩ
(V+) – 1.25
(V+) – 1
V
RL = 5kΩ
(V+) – 2
(V+) – 1.5
V
Capacitive Load, Stable Operation
1nF
Short-Circuit Current
±18
mA
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Voltage Range
±2.25
±18
V
Quiescent Current
VO = 0
±400
±500
µA
TEMPERATURE RANGE
Specification, Operating
0
+70
°C
Storage
–25
+85
°C
Thermal Resistance,
θ
JA
100
°C/W
NOTES: (1) Deviation in percent of full scale from best-fit straight line. (2) Referred to Output. Includes all error sources.
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, VS = ±15V, λ = 650nm, internal 1MΩ feedback resistor, unless otherwise noted.
PHOTODIODE SPECIFICATIONS
At TA = +25°C, unless otherwise noted.
Photodiode of OPT209
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Photodiode Area
(0.090 x 0.090in)
0.008
in2
(2.29 x 2.29mm)
5.1
mm2
Current Responsivity
650nm
0.45
A/W
Dark Current
VD = 0V(1)
500
fA
vs Temperature
doubles every 10
°C
Capacitance
VD = 0V(1)
600
pF
NOTE: (1) Voltage Across Photodiode.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT202PHOTODIODE WITH ON-CHIP AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX3507Upstream CATV Amplifier with On-Chip Anti-Alias Filter 1 2 3 4 5 MoreMaxim Integrated Products
C9118Driver circuit for photodiode array with amplifier 1 2 3 4 5 Hamamatsu Corporation
MAX104±5V 1Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
UPC8001IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl