Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXR100 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # IXR100
Description  Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

IXR100 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button IXR100 Datasheet HTML 5Page - Burr-Brown (TI) IXR100 Datasheet HTML 6Page - Burr-Brown (TI) IXR100 Datasheet HTML 7Page - Burr-Brown (TI) IXR100 Datasheet HTML 8Page - Burr-Brown (TI) IXR100 Datasheet HTML 9Page - Burr-Brown (TI) IXR100 Datasheet HTML 10Page - Burr-Brown (TI) IXR100 Datasheet HTML 11Page - Burr-Brown (TI) IXR100 Datasheet HTML 12Page - Burr-Brown (TI) IXR100 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
®
IXR100
9
5. Control relative humidity to as high a value as practical
(50% recommended).
RTD APPLICATIONS
The IXR100 has been designed with RTD applications
specifically in mind. The following information provides
additional information for those applications.
TWO- AND THREE-WIRE CONNECTIONS
The IXR100 performs well with two-wire and three-wire
RTD connections commonly encountered in industrial moni-
toring and control.
In two-wire applications, the voltage drop between the RTD
and the IXR100 can be nulled by proper adjustment of RZ,
but care must be taken that this voltage drop does not vary
with ambient conditions. Such variation will appear as an
apparent variation in the RTD resistance and therefore as a
change in measured temperature. Also, the linearity correc-
tion will interpret this change as a variation and attempt to
linearize both the actual RTD signal and the resistance
changes in the signal lines. For these reasons, the line
resistance between the RTD and the IXR100 should be
minimized by keeping line lengths short and/or using large-
gauge wires. This limitation does not apply for three-wire
connections.
In three-wire applications, shown in Figure 7, the RTD and
RZ lead arrangements set up a pseudo-Kelvin connection to
the RTD. This occurs because the currents through the three
wires are set up in opposing directions and cancel IR drops
in the RTD leads. The current sources are both modulated
equally, so that use of the linearity correction does not affect
the cancellation. This action is true so long as the three wires
are of the same length and gauge. Because most RTD leads
are twisted and bundled, this requirement is usually met with
no difficulty. Care must be taken that intermediate connec-
tions such as screw terminals do not violate this assumption
by introducing unequal line resistances.
RTD ZERO ELEVATION AND SUPPRESSION
The IXR100 may be operated in zero-elevated and zero-
suppressed ranges by simply offsetting RZ. It may also be
used in increase-decrease applications by interchanging the
physical locations of the RTD and RZ as shown in Figure 8.
Use the same values of RZ, RLIN and RS. Again, because the
current sources are matched and are modulated equally, this
connection has no effect on IXR100 performance, especially
in three-wire applications.
OPEN CIRCUIT DETECTION
In some applications of the IXR100, the RTD will be located
remotely. In these cases, it is possible for open circuits to
develop. The IXR100 responds in the following manner to
breaks in each lead. The following connections refer to the
RTD connections shown in Figure 7.
TERMINAL OPEN
IOUT(1)
1
32mA
2
3.6mA
3
32mA
NOTE: (1) Approximate value.
FIGURE 7. Basic 3-Wire RTD Connection for Increase-Increase Action.
+
4
1
3
7
6
2
RS
V
IN
+
IXR100
R
= 3.9k
CM
5
0.4mA
0.01µF
0.4mA
D
1
Three-wire Connection
RZ
RTD
1
3
2
9
8
R
LIN
1N4148
R
L
+
V
OUT
+V
S
4-20mA
28
18


Similar Part No. - IXR100

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXRD1002 ZILOG-IXRD1002 Datasheet
1Mb / 15P
   High Power Digital Inrush Current Controller
logo
IXYS Corporation
IXRFD615 IXYS-IXRFD615 Datasheet
1Mb / 8P
   15 A Low-Side RF MOSFET Driver
IXRFD615X2 IXYS-IXRFD615X2 Datasheet
708Kb / 8P
   15 A Dual Low-Side RF MOSFET Driver
IXRFD630 IXYS-IXRFD630 Datasheet
255Kb / 8P
   30 A Low-Side RF MOSFET Driver
IXRFD631 IXYS-IXRFD631 Datasheet
209Kb / 8P
   30 A Low-Side RF MOSFET Driver
More results

Similar Description - IXR100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Texas Instruments
XTR101 TI1-XTR101_15 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Burr-Brown (TI)
XTR101 BURR-BROWN-XTR101 Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
REFD5817 MAXIM-REFD5817 Datasheet
745Kb / 10P
   Novato (MAXREFDES16#): 4-20mA Loop-Powered Temperature Sensor with HART
Jan 30, 2014
logo
Linear Technology
LTC1531 LINER-LTC1531_15 Datasheet
196Kb / 16P
   Self-Powered Isolated Comparator
LTC1531 LINER-LTC1531 Datasheet
266Kb / 16P
   Self-Powered Isolated Comparator
logo
Maxim Integrated Produc...
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com