Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO212KP Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO212KP
Description  Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO212KP Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ISO212KP Datasheet HTML 1Page - Burr-Brown (TI) ISO212KP Datasheet HTML 2Page - Burr-Brown (TI) ISO212KP Datasheet HTML 3Page - Burr-Brown (TI) ISO212KP Datasheet HTML 4Page - Burr-Brown (TI) ISO212KP Datasheet HTML 5Page - Burr-Brown (TI) ISO212KP Datasheet HTML 6Page - Burr-Brown (TI) ISO212KP Datasheet HTML 7Page - Burr-Brown (TI) ISO212KP Datasheet HTML 8Page - Burr-Brown (TI) ISO212KP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©1988 Burr-Brown Corporation
PDS-881G
Printed in U.S.A. December, 1995
FPO
ISO212P
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL:
Transducer Channel Isolator for
Thermocouples, RTDs, Pressure
Bridges, Flow Meters
q 4mA TO 20mA LOOP ISOLATION
q MOTOR AND SCR CONTROL
q GROUND LOOP ELIMINATION
q ANALYTICAL MEASUREMENTS
q POWER PLANT MONITORING
q DATA ACQUISITION/TEST EQUIPMENT
ISOLATION
q MULTIPLEXED SYSTEMS WITH CHANNEL
TO CHANNEL ISOLATION
Offset
Adjust
8
7
–I/P
3
+I/P
1
f
4
6
Com 1
2
5
38
37
O/P Low
Isolation Barrier
B
+V
Out
SS 1
Com 2
+V
CC
31
32
Clock Out
34
Clock In
35
DC/DC
Converter
O/P High
Offset
Adjust
–V
Out
SS 1
®
Low Cost, Two-Port Isolated, 1500Vrms
ISOLATION AMPLIFIER
FEATURES
q 12-BIT ACCURACY
q 2.5mA (typ) QUIESCENT CURRENT
q LOW PROFILE (LESS THAN 0.5" HIGH)
q SMALL FOOTPRINT
q EXTERNAL POWER CAPABILITY
(
±8V at 5mA)
q “MASTER/SLAVES” SYNCHRONIZATION
CAPABILITY
q INPUT OFFSET ADJUSTMENT
q LOW POWER (53mW)
q SINGLE 10V TO 15V SUPPLY OPERATION
DESCRIPTION
The ISO212P signal isolation amplifier is a member of
a series of low-cost isolation products from Burr-
Brown. The low-profile SIL plastic package allows
PCB spacings of 0.5" to be achieved, and the small
footprint results in efficient use of board space.
To provide isolation, the design uses high-efficiency,
miniature toroidal transformers in both the signal and
power paths. An uncommitted input amplifier and an
isolated external bipolar supply ensure the majority of
input interfacing or conditioning needs can be met. The
ISO212P accepts an input voltage range of
±5V for
single 15V supply operation or
±3.0V for single 10V
supply operation.
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132


Similar Part No. - ISO212KP

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
ISO21207 ROSENBERGER-ISO21207 Datasheet
420Kb / 2P
   Adaptor 4.3-10 plug ??7/16 jack
ISO21207 ROSENBERGER-ISO21207 Datasheet
275Kb / 2P
   Straight Plug
More results

Similar Description - ISO212KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO213 BURR-BROWN-ISO213 Datasheet
131Kb / 13P
   Two-Port Isolated, Low Profile ISOLATED INSTRUMENTATION AMPLIFIER
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
MORNSUN Science& Techno...
TE5540CN MORNSUN-TE5540CN Datasheet
682Kb / 3P
   Two- port isolation
logo
Burr-Brown (TI)
ISO130 BURR-BROWN-ISO130 Datasheet
108Kb / 11P
   High IMR, Low Cost ISOLATION AMPLIFIER
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
   Low-Cost, Internally Powered ISOLATION AMPLIFIER
logo
List of Unclassifed Man...
1A184 ETC1-1A184 Datasheet
28Kb / 1P
   IA184 LOW-COST, HIGH-LINEARITY ISOLATION AMPLIFIER
290A ETC1-290A Datasheet
45Kb / 1P
   Low Cost Single and Multichannel Isolation Amplifier
logo
Intronics Power, Inc.
290A INTRONICS-290A Datasheet
1Mb / 6P
   Low Cost, Single and Multichannel Isolation Amplifier
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com