Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN503G Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN503G
Description  Numeric Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN503G Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN503G Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
280
Unit: mm
Lead wire dimension
VF
IF
Max
IR
IO / seg
Red
Green
Amber
Lighting
Color
   7.6 mm (.3”) Series
s Absolute Maximum Ratings (T
a = 25°C)
Lighting Color
Conventional Part No.
Global Prat No.
Lighting Color
LN503R ····················· LNM273ZA01 ·········· Red
LN503G ····················· LNM373ZA01 ·········· Green
LN503Y ····················· LNM473ZA01 ·········· Amber
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Numeric Display
1.6
1.8
2.0
2.4
2.2
100
50
30
5
3
10
1
Forward Current
Ambient Temperature
IF VF
0
0
20
10
5
15
20
25
40
60
80
100
IF Ta
Forward Voltage
3
1
5
10
50
100
30
10000
5000
3000
500
300
1000
100
IO IF
LN503R
LN503R
LN503R
LN503R
LN503G
LN503Y
Unit
µcd
µcd
µcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Common
Typ
Typ
Max
Typ
Typ
IF
VR
λ
P
∆λ
PD(mW)
IF(mA)
IFP(mA)
VR(V)
Topr(°C)
Tstg(°C)
Red
Green
Amber
60
60
60
20
20
20
100
100
100
5
5
5
−25 ∼ +80
−25 ∼ +80
−25 ∼ +80
−30 ∼ +85
−30 ∼ +85
−30 ∼ +85
Min
Typ
IO /d.p
400
1200
600
150
400
200
150
400
200
5
10
10
2.2
2.2
2.2
2.8
2.8
2.8
700
565
590
100
30
30
20
20
20
10
10
10
5
5
5
Terminal Connection
Pin
No.
Assignment
1
Anode d
−−−
Cathode d
Cathode c
Cathode e
Anode e
Anode c
2
3
4
5
6
7
8
9
10
11
12
13
14
−−−
Anode
dp1
dp2
Cathode
dp1
dp2
Cathode b
Cathode a
Anode a
Anode b
3.0
3.5 Min.
5.5
± 0.2
2.2
0.3
*7.6
± 0.38
1.4
0.5
10
°
10.0
± 0.2
dp2
14
dp1
e
c
d
a
b
1
2
3
4
5
6
78
9
10
11
12
13


Similar Part No. - LN503G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN504G PANASONIC-LN504G Datasheet
22Kb / 1P
   Numeric Display
LN504R PANASONIC-LN504R Datasheet
22Kb / 1P
   Numeric Display
LN504Y PANASONIC-LN504Y Datasheet
22Kb / 1P
   Numeric Display
LN506GA PANASONIC-LN506GA Datasheet
22Kb / 1P
   Numeric Display
LN506GK PANASONIC-LN506GK Datasheet
22Kb / 1P
   Numeric Display
More results

Similar Description - LN503G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN513RA PANASONIC-LN513RA Datasheet
21Kb / 1P
   Numeric Display
LN513YA PANASONIC-LN513YA Datasheet
21Kb / 1P
   Numeric Display
LN513YAS PANASONIC-LN513YAS Datasheet
21Kb / 1P
   Numeric Display
LN514RA PANASONIC-LN514RA Datasheet
21Kb / 1P
   Numeric Display
LN518RA PANASONIC-LN518RA Datasheet
21Kb / 1P
   Numeric Display
LN523YAMY PANASONIC-LN523YAMY Datasheet
21Kb / 1P
   Numeric Display
LN543OAN8 PANASONIC-LN543OAN8 Datasheet
25Kb / 1P
   Numeric Display
LN5110OGAMW PANASONIC-LN5110OGAMW Datasheet
20Kb / 1P
   Numeric Display
LN514YA PANASONIC-LN514YA Datasheet
21Kb / 1P
   Numeric Display
LN516RA PANASONIC-LN516RA Datasheet
21Kb / 1P
   Numeric Display
LN523RAMR PANASONIC-LN523RAMR Datasheet
22Kb / 1P
   Numeric Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com