Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO212JP Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO212JP
Description  Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO212JP Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ISO212JP Datasheet HTML 1Page - Burr-Brown (TI) ISO212JP Datasheet HTML 2Page - Burr-Brown (TI) ISO212JP Datasheet HTML 3Page - Burr-Brown (TI) ISO212JP Datasheet HTML 4Page - Burr-Brown (TI) ISO212JP Datasheet HTML 5Page - Burr-Brown (TI) ISO212JP Datasheet HTML 6Page - Burr-Brown (TI) ISO212JP Datasheet HTML 7Page - Burr-Brown (TI) ISO212JP Datasheet HTML 8Page - Burr-Brown (TI) ISO212JP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
®
ISO212P
3
PIN CONFIGURATION
Bottom View
31 +VCC
35 Clock In
37 O/P Low
Com 2 32
Clock Out 34
O/P High 38
Com 1 2
fB 4
+VSS1 6
Offset Adjust 8
1 +I/P
3 –I/P
5 –VSS 1
7 Offset Adjust
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Without Damage ......................................................... 18V
Continuous Isolation Voltage Across Barrier: JP ......................... 750Vrms
KP, JP-15 ........... 1500Vrms
Storage Temperature Range ............................................ –25
°C to 100°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
Amplifier Output Short-Circuit Duration ................ Continuous to Common
Output Voltage Hi or Lo to Com 2 ..................................................
±V
CC /2
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
ISO212JP
38-Pin Plastic SIP
326
–25
°C to +85°C
ISO212JP-15
38-Pin Plastic SIP
326
–25
°C to +85°C
ISO212KP
38-Pin Plastic SIP
326
–25
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SINE RESPONSE (f = 200Hz)
0
+5
Time (ms)
0
5
510
V
IN = ±5V, G = 1
VOLTAGE OUT vs SUPPLY VOLTAGE +V
CC
17
7
6
5
4
3
2
1
0
Supply Voltage V
CC (V)
16 15
14 13
12
11 10
9
8
7
6
5
4
+V
OUT
–V
OUT
(Absolute)
VIN
VOUT
±VOUT
+VOUT
–VOUT
Ideal
Ideal
VIN
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, unless otherwise noted.


Similar Part No. - ISO212JP

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
ISO21207 ROSENBERGER-ISO21207 Datasheet
420Kb / 2P
   Adaptor 4.3-10 plug ??7/16 jack
ISO21207 ROSENBERGER-ISO21207 Datasheet
275Kb / 2P
   Straight Plug
More results

Similar Description - ISO212JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO213 BURR-BROWN-ISO213 Datasheet
131Kb / 13P
   Two-Port Isolated, Low Profile ISOLATED INSTRUMENTATION AMPLIFIER
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
MORNSUN Science& Techno...
TE5540CN MORNSUN-TE5540CN Datasheet
682Kb / 3P
   Two- port isolation
logo
Burr-Brown (TI)
ISO130 BURR-BROWN-ISO130 Datasheet
108Kb / 11P
   High IMR, Low Cost ISOLATION AMPLIFIER
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
   Low-Cost, Internally Powered ISOLATION AMPLIFIER
logo
List of Unclassifed Man...
1A184 ETC1-1A184 Datasheet
28Kb / 1P
   IA184 LOW-COST, HIGH-LINEARITY ISOLATION AMPLIFIER
290A ETC1-290A Datasheet
45Kb / 1P
   Low Cost Single and Multichannel Isolation Amplifier
logo
Intronics Power, Inc.
290A INTRONICS-290A Datasheet
1Mb / 6P
   Low Cost, Single and Multichannel Isolation Amplifier
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com