Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC667 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC667
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC667 Datasheet(HTML) 7 Page - Burr-Brown (TI)

  DAC667 Datasheet HTML 1Page - Burr-Brown (TI) DAC667 Datasheet HTML 2Page - Burr-Brown (TI) DAC667 Datasheet HTML 3Page - Burr-Brown (TI) DAC667 Datasheet HTML 4Page - Burr-Brown (TI) DAC667 Datasheet HTML 5Page - Burr-Brown (TI) DAC667 Datasheet HTML 6Page - Burr-Brown (TI) DAC667 Datasheet HTML 7Page - Burr-Brown (TI) DAC667 Datasheet HTML 8Page - Burr-Brown (TI) DAC667 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
®
DAC667
FIGURE 5. Power Supply, Gain and Offset Connections.
100
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
100
V
OUT
100k
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
100
V
OUT
–V
CC
Bipolar
Unipolar
(2)
50k
0.01µF
0.01µF
+V
CC
NOTES:
(1) 10µF tantalum for
optimum settling
performance.
(2) Unipolar offset adjust is
not necessary in most
applications.
(3) For the ceramic pack-
age, the lid is connec-
ted to –V
CC .
REF OUT
REF IN
CC
OUT
EE
20V Span
10V Span
Sum Jct.
Bipolar Off.
AGND
V
V
+V
V
–V
CS
A3
A2
A1
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Pwr Gnd
A0
(1)
0.01µF
(1)
0.01µF
+V
CC
+V
CC
–V
CC
(3)
–V
CC
(3)
LSB
MSB
REF OUT
REF IN
CC
OUT
EE
20V Span
10V Span
Sum Jct.
Bipolar Off.
AGND
V
V
+V
V
–V
CS
A3
A2
A1
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Pwr Gnd
A0
100
LSB
MSB
5k
9.95k
9
1
4
Bipolar
Offset
20V Span
V
OUT
I
DAC
5
AGND
5k
2
10V Span
3
Summing
Junction
FIGURE 6. Output Amplifier Voltage Range Scaling Circuit.
9
3
4
Bipolar
Offset
Summing Junction
V
OUT
I
DAC
5
AGND
5k
9.95k
2
10V Span
5k
1
20V Span
0 to +10V
100
100k
50k
+V
CC
–V
EE
V
OUT
Increase
FIGURE 7. 0 to +10V Unipolar Voltage Output.
9
3
4
Bipolar Offset
Summing Junction
V
OUT
I
DAC
5
AGND
5k
9.95k
2
10V Span
5k
1
20V Span
±5V
100
6
V
REF OUT
V
OUT
Decrease
MICROCOMPUTER
BUS INTERFACING
8-BIT BUS INTERFACE
The DAC667 interfaces easily to 8-bit microprocessor sys-
tems of all types. The control logic makes possible the use
of right- or left-justified data formats. Data formats for 8-bit
buses are illustrated in Figure 9.
FIGURE 8.
±5V Bipolar Voltage Output.


Similar Part No. - DAC667

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC600 BURR-BROWN-DAC600 Datasheet
155Kb / 12P
   12-Bit 256MHz Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC60004 TI1-DAC60004 Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IDMDR TI1-DAC60004IDMDR Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IDMDT TI1-DAC60004IDMDT Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IPW TI1-DAC60004IPW Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
More results

Similar Description - DAC667

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
[Old version datasheet]   Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
[Old version datasheet]   MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com