Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFIB7N50L Datasheet(PDF) 2 Page - International Rectifier

Part # IRFIB7N50L
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIB7N50L Datasheet(HTML) 2 Page - International Rectifier

  IRFIB7N50L Datasheet HTML 1Page - International Rectifier IRFIB7N50L Datasheet HTML 2Page - International Rectifier IRFIB7N50L Datasheet HTML 3Page - International Rectifier IRFIB7N50L Datasheet HTML 4Page - International Rectifier IRFIB7N50L Datasheet HTML 5Page - International Rectifier IRFIB7N50L Datasheet HTML 6Page - International Rectifier IRFIB7N50L Datasheet HTML 7Page - International Rectifier IRFIB7N50L Datasheet HTML 8Page - International Rectifier IRFIB7N50L Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFIB7N50L
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 12).
‚ Starting TJ = 25°C, L = 24mH, RG = 25Ω,
IAS = 6.8A, (See Figure 14).
ƒ ISD ≤ 6.8, di/dt ≤ 650A/µs, VDD ≤ V(BR)DSS,
dv/dt = 24V/ns, TJ ≤ 150°C.
Notes:
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff.(ER) is a fixed capacitance that stores the same energy
as Coss while VDS is rising from 0 to 80% VDSS.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
–––
–––
V
∆V(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.44
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
0.32
0.38
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
50
µA
–––
–––
2.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
0.88
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
4.7
–––
–––
S
Qg
Total Gate Charge–––
–––
92
Qgs
Gate-to-Source Charge–––
–––
24
nC
Qgd
Gate-to-Drain ("Miller") Charge–––
–––
44
td(on)
Turn-On Delay Time
–––23–––
tr
Rise Time
–––36–––
ns
td(off)
Turn-Off Delay Time
–––47–––
tf
Fall Time
–––19–––
Ciss
Input Capacitance
–––
2220
–––
Coss
Output Capacitance
–––
230
–––
Crss
Reverse Transfer Capacitance
–––
23
–––
Coss
Output Capacitance
–––
2780
–––
pF
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
63
–––
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
140
–––
Coss eff. (ER)
Effective Output Capacitance
–––
100
–––
(Energy Related)
Avalanche Characteristics
Symbol
Parameter
Typ.
Units
EAS
Single Pulse Avalanche Energy
d
–––
mJ
IAR
Avalanche Current
Ù
–––
A
EAR
Repetitive Avalanche Energy
™
–––
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Units
RθJC
Junction-to-Case
–––
°C/W
RθJA
Junction-to-Ambient
–––
VDS = VGS, ID = 250µA
VDS = 500V, VGS = 0V
VDS = 400V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 4.1A f
VGS = 30V
f = 1MHz, open drain
Conditions
VDS = 50V, ID = 4.1A
VGS = -30V
ID = 6.8A
VDS = 400V
VGS = 10V, See Fig. 7 & 16 f
VDD = 250V
ID = 6.8A
RG = 9.0Ω
VGS = 10V, See Fig. 11a & 11b f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz, See Fig. 5
6.8
4.6
Max.
550
VGS = 0V,VDS = 0V to 400V g
65
Max.
2.69


Similar Part No. - IRFIB7N50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIB7N50L VISHAY-IRFIB7N50L Datasheet
193Kb / 9P
   Power MOSFET
S-Pending-Rev. A, 24-Jun-08
logo
International Rectifier
IRFIB7N50LPBF IRF-IRFIB7N50LPBF Datasheet
204Kb / 9P
   SMPS MOSFET, HEXFET Power MOSFET
logo
Vishay Siliconix
IRFIB7N50LPBF VISHAY-IRFIB7N50LPBF Datasheet
193Kb / 9P
   Power MOSFET
S-Pending-Rev. A, 24-Jun-08
More results

Similar Description - IRFIB7N50L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com