Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62727FN Datasheet(PDF) 6 Page - Marktech Corporate

Part # TB62727FN
Description  16-bit constant current LED module with built-in dot-current correction for each output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62727FN Datasheet(HTML) 6 Page - Marktech Corporate

Back Button TB62727FN Datasheet HTML 2Page - Marktech Corporate TB62727FN Datasheet HTML 3Page - Marktech Corporate TB62727FN Datasheet HTML 4Page - Marktech Corporate TB62727FN Datasheet HTML 5Page - Marktech Corporate TB62727FN Datasheet HTML 6Page - Marktech Corporate TB62727FN Datasheet HTML 7Page - Marktech Corporate TB62727FN Datasheet HTML 8Page - Marktech Corporate TB62727FN Datasheet HTML 9Page - Marktech Corporate TB62727FN Datasheet HTML 10Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TOSHIBA
TB62727FN
Constant current adjustment range ( image )
GRAPH: Current adjustment based on 100%
Note 6 :
* Dot correction function is the current adjustment function of each output.
* The current value set by REXT resistance is set in the standard (Equal to Data=MSB and 100%).
* The fineness of current value set is 1LSB; about equal to 1.58 %.
* Wide set range (100-0%), with presumed brightness dispersion of LED +/- 20 %.
* We recommend dot correction is set in the center of the range.
And, do +/- 50% range of the re-correction after choosing current with REXT.
* Line A shows the case that 50mA was applied to the standard current.
* Line B shows the case that 25mA and Line C shows the case that 10mA.
* Set range that it is recommended is current value inside the slant line area including the dot correction.
* Dot correction accuracy is not good below 5mA.
Action table 7 - - - Dot current correction rate of the Serial-data of Register-1. (typ.)
Data
LLLLLL
LLLLLH
Ratio of
correction
0%
(Output off)
1.58%
Ratio of a LSB
nearly equal to
1.58 %
HHHHHL
HHHHHH
HLLLLL
98.42%
100%
Initial position
(when supply in)
Note 7 :
This value is typical values.
The actual values contains the error of lower than +/- 1LSB.
The initial values are about 50%.
Set range of Dot Correction(6bit)
0[%](LSB)
100[%](MSB)
to
50
40
30
20
10
0
Iout [ mA ]
5 [mA]
64 Steps
(A)
(B)
2 [mA]
(C)
This point is set current by REXT to Iout formula.
Web: www.marktechopto.com | Email: info@marktechopto.com
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
California Sales Office:
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TB62727FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62725 TOSHIBA-TB62725 Datasheet
313Kb / 15P
   8BIT CONSTANT CURRENT LED DRIVER OF OPERATING VOLTAGE 3.3V
logo
Marktech Corporate
TB62725BFG MARKTECH-TB62725BFG Datasheet
514Kb / 17P
   8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
TB62725BFG MARKTECH-TB62725BFG Datasheet
896Kb / 18P
   8bit ConstantCurrent LED Driver of the 3.3V and 5V Power Supply Voltage Operation
TB62725BFNG MARKTECH-TB62725BFNG Datasheet
514Kb / 17P
   8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
TB62725BFNG MARKTECH-TB62725BFNG Datasheet
896Kb / 18P
   8bit ConstantCurrent LED Driver of the 3.3V and 5V Power Supply Voltage Operation
More results

Similar Description - TB62727FN

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com