Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5385A Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD5385A
Description  Evaluation board Rev.A for AK5385A
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5385A Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD5385A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5385A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5385A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5385A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5385A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5385A Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5385A Datasheet HTML 10Page - Asahi Kasei Microsystems AKD5385A Datasheet HTML 11Page - Asahi Kasei Microsystems AKD5385A Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ASAHI KASEI
[AKD5385A]
<KM072400>
2003/07
- 8 -
[ADC Plot : fs=48kHz]
AKM
AK5385A THD+N vs. Input Level
AVDD=5.0V, DVDD=3.3V, fs=48kHz, fin=1kHz
-140
-10
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
dBr
-140
-80
-135
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
d
B
F
S
Figure 1. THD+N vs. Input Level
AKM
AK5385A THD+N vs. Input Frequency
AVDD=5.0V, DVDD=3.3V, fs=48kHz, Input=-1.0dBr
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-120
-90
-118
-116
-114
-112
-110
-108
-106
-104
-102
-100
-98
-96
-94
-92
d
B
F
S
Figure 2. THD+N vs. Input Frequency


Similar Part No. - AKD5385A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5385A AKM-AKD5385A Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
More results

Similar Description - AKD5385A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
   EVALUATION BOARD REV.A FOR AK4523
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
   EVALUATION BOARD REV.A FOR AK5393
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
   EVALUATION BOARD REV.A FOR AK4309B
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
   EVALUATION BOARD REV.A FOR AK4363
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
   Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
   Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
   Evaluation board Rev.A for AK5365
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
   EVALUATION BOARD REV.A FOR AK4380
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
   EVALUATION BOARD REV.A FOR AK4524
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
   EVALUATION BOARD REV.A FOR AK4353
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com